Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5952 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 2 Page - STMicroelectronics

  L5952 Datasheet HTML 1Page - STMicroelectronics L5952 Datasheet HTML 2Page - STMicroelectronics L5952 Datasheet HTML 3Page - STMicroelectronics L5952 Datasheet HTML 4Page - STMicroelectronics L5952 Datasheet HTML 5Page - STMicroelectronics L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
L5952
2/15
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage
-0.6 to 26
V
VIN
Transient Supply Overvoltage (50ms)
50
V
RESR
Output Capacitor Series Eq. Series Resistors Allowed Range
0.2 to 10
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction-case
1.3
°C/W
REG
VIN
DATA
CLOCK
RESET
DELAY CAP
4
6
9
10
1
TAB
GND
DIG GND
N.C.
2208
18
22
24
25
HRCAP
11
17
3
21
5
7
19
23
13
14
15
12
REG
16
BATT-DET 17
VOUT6 (HIGH SIDE (1A))
VOUT4 (CD (1A))
VOUT3 (AUDIO (250mA))
VOUT2 (TUNER (250mA))
VOUT5 (DSP
µP (500mA))
VOUT1 (
µP (500mA))
ST-CAP
BATT-DET 1
SINK 2mA(max)
BATT-DET 2
SINK 2mA(max)
SINK 2mA(max)
BATT-DET 3
N.C.
D99AU1056D
REG
REG
REG
Tr SW
(*)
5V
5V
INPUT
BATTERY
Tr SW
(*)
Tr SW
(*)
REG
CURRENT
DET
IIC BUS
I/F
(*) N-ch open drain or NPN open collector
BATT-DET3 IN
BATT-DET2 IN
BATT-DET1 IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com