Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5952 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics L5952 Datasheet HTML 10Page - STMicroelectronics L5952 Datasheet HTML 11Page - STMicroelectronics L5952 Datasheet HTML 12Page - STMicroelectronics L5952 Datasheet HTML 13Page - STMicroelectronics L5952 Datasheet HTML 14Page - STMicroelectronics L5952 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
L5952
12/15
EXAMPLES
< Example 1 - no autoincrement mode - >
power on Vin = ON All output OFF (at RESET = “L”)
release reset RESET = “H”. Send sequence:
Initial Set
start I2C
1000 1000 Chip address
0000 0001 OUT3 subaddress
0000 0010 OUT3 data (8.3V, OFF)
0000 0010 OUT4 subaddress
0000 0010 OUT4 data (7.0V, OFF)
0000 0011 OUT5 subaddress
0000 0000 OUT5 data (3.3V, OFF)
stop I2C
Set Turn-On
start I2C
1000 1000 Chip address
0000 0000 OUT2 subaddress
0000 0001 OUT2 data (ON)
0000 0001 OUT3 subaddress
0000 0011 OUT3 data (8.3V, ON)
0000 0010 OUT4 subaddress
0000 0011 OUT4 data (7.0V, ON)
0000 0011 OUT5 subaddress
0000 0001 OUT5 data (3.3V, ON)
0000 0100 OUT6 subaddress
0000 0001 OUT6 data (ON)
stop I2C
< Example 2A - autoincrement mode - >
power on Vin = ON All output OFF (at RESET = “L”)
release reset RESET = “H”
start I2C
initial set
1000 1000 Chip address
0001 0001 OUT3 subaddress, autoincrement ON
0000 0010 OUT3 data (8.3V, OFF)
0000 0010 OUT4 data (7.0V, OFF)
0000 0000 OUT5 data (3.3V, OFF)
stop I2C
start I2C
set turn-on
1000 1000 Chip address
0001 0000 OUT2 subaddress, autoincrement ON
0000 0001 OUT2 data (ON)
0000 0011 OUT3 data (8.3V, ON)
0000 0011 OUT4 data (7.0V, ON)
0000 0001 OUT5 data (3.3V, ON)
0000 0001 OUT6 data (ON)
stop I2C
Before turning on (set turn on procedure), the output voltage should be fixed, as it is done in the initial set pro-
cedure. Do not change the bits of “turn on” and “output voltage” at the same time, otherwise the correct output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com