Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5951 Datasheet (PDF) - STMicroelectronics

L5951 Datasheet PDF - STMicroelectronics
Part # L5951
Download  L5951 Download
File Size   119.1 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE

L5951 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5951 Datasheet PDF - STMicroelectronics

Part # L5951
Download  L5951 Click to download

File Size   119.1 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE

L5951 Datasheet (HTML) - STMicroelectronics


L5951 Product details

Description
The L5951 is a monolithic triple regulator integrated with a SAE J1850 Integrated Driver / Receiver realized in advanced Multipower-BCD technology. It is intended to drive single wire J1850 communications, and offer microcontroller power and power management for automotive or industrial applications.

Features
● 3 voltage regulators:
   – 3.3 V (100 mA) standby regulator
   – 5 V (100 mA) stand-by regulator
   – 7.8 V (100 mA)
● Out of regulation detection for 5 V standby
   regulator
● Wide operating supply voltage range from
   4.5 V up to 26.5 V for transient 34 V
● Very low standby quiescent current (<150 µA)
● Input to output signal transfer function
   programmable
● LVS function
● TTL and CMOS compatible inputs
● Output current limitation
● Controlled output slope for low EMI
● Overtemperature shut-down
● Able to survive under loss of ground or battery
● ESD protected




Similar Part No. - L5951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5951 STMICROELECTRONICS-L5951 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5951 STMICROELECTRONICS-L5951_V01 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
More results


Similar Description - L5951

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com