Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5959 Datasheet (PDF) - STMicroelectronics

L5959 Datasheet PDF - STMicroelectronics
Part # L5959
Download  L5959 Download
File Size   201.0 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multifunction voltage regulator for car radio

L5959 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5959 Datasheet PDF - STMicroelectronics

Part # L5959
Download  L5959 Click to download

File Size   201.0 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multifunction voltage regulator for car radio

L5959 Datasheet (HTML) - STMicroelectronics


L5959 Product details

Description
The L5959 contains a four voltage regulator and two protected HSDs. HSDs are protected against loss of ground and loss of battery.
The IC includes a monitoring circuit for detection.
The IC features a very low quiescent current in stand-by and independent thermal shutdown.

Features
■ Four outputs
   – 8.5V @ 200mA (V8P5)
   – 8/10V @ 1000mA selectable 10V or 8V (V810)
   – 3.3V @ 100mA permanent (VSTBY)
   – 3.3V @ 800mA (VREGSW)
■ Two protected high side driver (HSD1, HSD2)
■ Reset function
■ Battery voltage (under/over) warning output
■ Load dump protection
■ Independent thermal shutdown on all
   regulators and HSDs
■ Overcurrent limitation
■ Storage CAP output (STCAP)
■ Small CAP required by stability of regulators
■ All pins ESD protected




Similar Part No. - L5959

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5959 STMICROELECTRONICS-L5959 Datasheet
199Kb / 19P
Multifunction voltage regulator for car radio
17-Sep-2013
L5959 STMICROELECTRONICS-L5959_V01 Datasheet
199Kb / 19P
Multifunction voltage regulator for car radio
17-Sep-2013
More results


Similar Description - L5959

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com