Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5959 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5959 Datasheet HTML 5Page - STMicroelectronics L5959 Datasheet HTML 6Page - STMicroelectronics L5959 Datasheet HTML 7Page - STMicroelectronics L5959 Datasheet HTML 8Page - STMicroelectronics L5959 Datasheet HTML 9Page - STMicroelectronics L5959 Datasheet HTML 10Page - STMicroelectronics L5959 Datasheet HTML 11Page - STMicroelectronics L5959 Datasheet HTML 12Page - STMicroelectronics L5959 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L5959
Electrical specification
9/19
PSRR
Supply voltage ripple rejection
IVREGSW = 400 mA;
fo = 20 to 1 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
50
70
dB
IVREGSW = 400 mA;
fo = 20 to 20 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
45
55
dB
VN
Output noise
Weighted filter
fo = 20 Hz to 20 kHz
IVREGSW = 5 mA
85
200
µV
Vdrop
Drop out voltage
IVREGSW = 800 mA
2.6
V
Vdrop
Drop out voltage
IVREGSW = 5 mA
2.3
V
Im
Current limit
Rshort = 0
Ω
11.5
2.5
A
TSEN
VREGSW thermal shutdown
IVREGSW = 500 µA; Increase Ta
until VREGSW disabled
150
190
°C
tdon
Turn-on delay;
Ivregsw= 5mA
10
45
110
µs
tdoff
Turn-off delay,
IVREGSW = 700 mA
45
110
µs
V8P5 (VBAT=9.5V to 18 V)
Vo (V8P5) Output voltage 8.5V
8.3
8.5
8.7
V
ΔV
Line regulation
VBAT = 9.5 to 18V; I = 200mA
-50
3.0
50
mV
ΔVi
Load regulation
IV8P5 = 1 to 200mA
-30
3
20
mV
PSRR
Supply voltage ripple rejection
IV8P5 = 100 mA;
fo = 20 to 1 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
50
60
dB
IV8P5 = 100 mA;
fo = 20 to 20 kHz;
VBAT = 14 Vdc, 1.0 Vac(pp)
35
40
dB
VN
Output noise
Weighted filter
fo = 20 Hz to 20 kHz
IV8P5 = 5 mA
190
450
µV
Vdrop
Drop out voltage
IV8P5 = 200mA
0.45
0.9
V
Im
Current limit
Rshort = 0
Ω
275
450
700
mA
TSEN
V8P5 thermal shutdown
IV8P5 = 500 µA; Increase Ta
until V8P5 disabled
150
190
°C
tdon
Turn-on delay;
IV8P5 = 5mA
10
45
110
µs
tdoff
Turn-off delay,
IV8P5 = 200 mA
45
110
µs
V810 (8V) (VBAT = 9.2V to 18 V)
Vo (V810)
Output voltage 8.0V
7.6
8.0
8.4
V
ΔV
Line regulation
VBAT = 9.2 to 18V;
I = 1000mA
-50
3
50
mV
Table 5.
Electrical characteristics (continued)
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com