Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet (PDF) - STMicroelectronics

L5953 Datasheet PDF - STMicroelectronics
Part # L5953
Download  L5953 Download
File Size   217.41 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIPLE SWITCHING VOLTAGE REGULATOR

L5953 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5953 Datasheet PDF - STMicroelectronics

Part # L5953
Download  L5953 Click to download

File Size   217.41 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIPLE SWITCHING VOLTAGE REGULATOR

L5953 Datasheet (HTML) - STMicroelectronics


L5953 Product details

Description
The L5953 is the integration of one switching regulator, two linear voltage regulators, two low voltage warnings and two high side drivers. It has a stand-by operation mode (low current consumption) where only the stand-by voltage regulator plus the low voltage warnings are active. The other regulators and high side drivers are controlled by the SPI interface.

Features
■ PWM: adjustable 2.5/10V - 1A switching voltage regulator
■ External POWER MOS ability for output current enhancement
■ Synchronization function
■ REG1- Linear low drop 3.3/5V - 250mA STBY voltage regulator (low current consumption) with RESET
■ REG2- Linear voltage regulator 1.5V to 3.3V externally adjustable - 300mA maximum current
■ HSD1 : 500mA High side driver
■ HSD2 : 200mA High side driver
■ SPI Interface
■ SPI Diagnostics HSD1, HSD2
■ Double switching frequency SPI selectable
■ Double inpuT LVW SPI functions

SPI functions
■ Input controls
   – Turn-on/off PWM
   – Turn-on/off REG2
   – Turn-on/off HSD1
   – Turn-on/off HSD2
   – Switching frequency selection f1- f2
■ Output functions:
   – HSD1 & HSD2 short to gnd, open load and short to battery (Test mode)
   – Thermal warning

Protections
■ Over voltage protection
■ Internal current limiting
■ Thermal shutdown
■ ESD




Similar Part No. - L5953

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953 Datasheet
378Kb / 31P
Multiple switching voltage regulator
04-Sep-2007
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
Multiple switching voltage regulator
04-Sep-2007
More results


Similar Description - L5953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
Multiple output voltage regulator
July 1994
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
Multiple voltage regulator
1999 Jul 14
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
Sep-2003
logo
Hitachi Semiconductor
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
Multiple Voltage Regulator
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
Multiple switching voltage regulator
04-Sep-2007
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com