Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 5 Page - STMicroelectronics

  L5953 Datasheet HTML 1Page - STMicroelectronics L5953 Datasheet HTML 2Page - STMicroelectronics L5953 Datasheet HTML 3Page - STMicroelectronics L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
L5953
ISLAVE
Slave Sink Current
100
µA
TW
Output Pulse Width
300
ns
REG1 - 3.3V/5V STBY LINEAR VOLTAGE REGULATOR
VSTBY
Output Voltage
no load; ADJ pin = open
no load; ADJ pin = VSTBY pin
4.9
3.20
5
3.3
5.1
3.4
V
V
∆Vline
Line Regulation
no load; 7 < Vdd < 26V
5
50
mV
∆Vload
Load Regulation
5mA < Io < 250mA
12
80
mV
Vdropout
VSTCAP - VSTBY
Io = 100mA, Vo = 5V
Io = 100mA, Vo = 3.3V
0.36
0.47
0.5
0.65
V
Ilim
Current Limit
Out short to GND
300
mA
SVR
Supply Voltage Rejection
∆VDD = 1Vrms: f = 300Hz
Io = 250mA
55
dB
REG2 - LINEAR VOLTAGE REGULATOR 1.5V to 3.3V
VLR
Linear Regulator Output Voltage
no load; 4.75
≤ VIN ≤ 16V;
1+ (R5/R6) = 2.588
3.2
3.3
3.4
V
no load; 3.135
≤ VIN ≤ 16V;
1+ (R5/R6) = 1.176
1.45
1.5
1.55
VIN
Input Voltage
IO = 150mA
1.5V
≤ VLR ≤ 2V
3.135
16
V
IO = 300mA
1.5V
≤ VLR ≤ 3.3V
4.75
16
V
∆Vload
Load Regulation
5mA
≤ IO ≤ 300mA
4.75V
≤ VIN ≤ 16V; 1.5V ≤ VLR ≤ 3.3V
12
mV
∆Vline
Line Regulation
no load;
4.75V
≤ VIN ≤ 16V; 1.5V ≤ VLR ≤ 3.3V
1mV
Vref,REG2 Voltage Reference
1.275
V
ILim
Current Limit
Out Short to ground
400
mA
SVR
Supply Voltage Rejection
VIN = 5Vdc, 0.5Vacpp, 300Hz
IO = 300mA; 1.5V ≤ VLR ≤ 3.3V
55
dB
VIN = 3.3Vdc, 0.5Vacpp, 300Hz
IO = 150mA; 1.5V ≤ VLR ≤ 2V
55
dB
HSD1
Vsat, peak Saturation Voltage
IO = 0.5A
250
mV
Ilim
Current Limit
600
mA
Lload
Load Inductance
100
mH
ELECTRICAL CHARACTERISTCS (continued)
( Tamb = 25°C, VDD = 14.4V)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com