Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 11Page - STMicroelectronics L5953 Datasheet HTML 12Page - STMicroelectronics L5953 Datasheet HTML 13Page - STMicroelectronics L5953 Datasheet HTML 14Page - STMicroelectronics L5953 Datasheet HTML 15Page - STMicroelectronics L5953 Datasheet HTML 16Page - STMicroelectronics L5953 Datasheet HTML 17Page - STMicroelectronics L5953 Datasheet HTML 18Page - STMicroelectronics L5953 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
L5953
Table 5. Diagnostic Register Description.
SUMMARY OF THE MAIN OPERATIONS
Operation A
s
Test Mode Diagnostic Procedure Start
s
1) WREN instruction (Fig.11)
s
2) WSTA instruction (Fig.12)
Operation B
s
Read the Diagnostic Register
Case1: after a Test Mode Diagnostic Procedure Start
1) RDIA instruction (Fig.13)
2) Diagnostic Register output (Fig.13)
s
NOTE: an operation B must follow an operation A. The delay between the end of the operations A to
the start of the operations B must be longer than 100
µS
Operation C
s
Write the Status Register
01
d7
Test mode
The Diagnostic Register is
referred to a test performed
during the normal working
of the L5953
The Diagnostic Register is
referred to a test performed
in Test mode
d6
HSD1W1
If d7=0: HSD1 in normal
condition;
If d7=1: bit value
meaningless
If d7=0: HSD1 is in
overcurrent
If d7=1: bit value
meaningless
d5
HSD1W2
If d7=0: bit value
meaningless;
If d7=1: HSD1 in normal
condition
If d7=0: bit value
meaningless
If d7=1: an open load is
present on HSD1
d4
HSD1W3
If d7=0: bit value
meaningless;
If d7=1: HSD1 in normal
condition
If d7=0: bit value
meaningless
If d7=1: HSD1 is shorted to
the supply voltage VDD
d3
HSD2W1
If d7=0: HSD1 in normal
condition;
If d7=1: bit value
meaningless
If d7=0: HSD2 is in
overcurrent;
If d7=1: bit value
meaningless
d2
HSD2W2
If d7=0: bit value
meaningless
If d7=1: HSD2 in normal
condition
If d7=0: bit value
meaningless
If d7=1: an open load is
present on HSD2
d1
HSD1W3
If d7=0: bit value
meaningless
If d7=1: HSD2 in normal
condition;
If d7=0: bit value
meaningless
If d7=1: HSD1 is shorted to
the supply voltage VDD
d0
Thermal Warning
Normal condition
Overtemperature protection
activated(Tj>150°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com