Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 4 Page - STMicroelectronics

  L5953 Datasheet HTML 1Page - STMicroelectronics L5953 Datasheet HTML 2Page - STMicroelectronics L5953 Datasheet HTML 3Page - STMicroelectronics L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
L5953
4/24
ELECTRICAL CHARACTERISTCS
( Tamb = 25°C, VDD = 14.4V)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IQ,STBY
Quiescent current with regulators
and High-side drivers off
W1, W2, RES, IRQ, not active;
REG2, HSD1, HSD2, PWM off;
S, C, D fixed at high/low logic
level
100
µA
Tsd
Thermal Shutdown Junction
Temperature
150
°C
SMPS.PWM
Tamb = 25°C, VDD = 14.4V, Vo = 5V; unless otherwise specified.)
Vo,min
Minimum Output Voltage
Io = 200mA
2.4
2.5
2.6
V
Vo,max
Maximum Output Voltage
Io = 200mA
9.6
10
10.4
V
Vref,PWM
Voltage Reference
1.275
V
Vi
Input Voltage Range
Vo = 5V; Io = 0.5A
6
18
V
∆Vo
Line Regulation
Io = 0.5A
100
mV
∆Vo
Load Regulation
Vo = 5V; Io = 0.2A to 0.5A
50
mV
Vd
Dropout Voltage between Pin 19
and Pin 23
Io = 0.5A, Vo = 5V
0.5
V
Io = 1A, Vo = 5V
1
V
ILim
Current Limit
1.5
A
η
Efficiency
f = 260kHz; Io = 0.5A
f = 400kHz; Io = 0.5A
90
86
%
%
SVR
Supply Voltage Ripple Rejection
∆Vi = 1Vrms;
fripple = 300Hz; Io = 0.4A
50
dB
OSCILLATOR
f1
Swiching frequency
249
260
271
kHz
f2
Swiching frequency
384
400
416
kHz
Voltage Stability of Switching
Frequency
VDD = 8 to 18V
Tbd
%
Temperature Stability of Switching
Frequency
Tj = -40°C to 85°C
Tbd
%
SYNC
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2
V
VOL
Low Output Voltage
0.4
V
VOH
High Output Voltage
ISOURCE=1.5mA
4
V
∆f
∆V
i
---------
∆f
∆T
j
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com