Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 3Page - STMicroelectronics L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics L5953 Datasheet HTML 10Page - STMicroelectronics L5953 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
L5953
SPI INTERFACE
HSD2W2 High Side Driver 2 Open Load
Warning activation
HSD2 output voltage in test mode
3
V
HSD2W3 High Side Driver 2 VDD Short
Warning activation in test mode
HSD2 in test mode
Measure VVDD-LIN-VHSD1
1.5
V
THW
Thermal warning activation
145
°C
IRQ - Interrupt Request Pin
IRQ-L
IRQ Low voltage
Io = 1mA
0.4
V
IRQ-H
IRQ Leakage
Virq = 5V
1
µA
Symbol
Alt
Parameter
Test Conditions
Min.
Max.
Unit
Recommended DC Operating Voltage
VSPI
Supply Voltage for SPI I/O
3
5.5
V
Input Parameters (Tamb = 25°C, f = 1MHz)
CIN
Input Capacitance (D)
8
pF
CIN
Input Capacitance (others pins)
6
pF
tLPF
Input Signal Pulse Width
10
ns
DC Characteristics (Tamb = -40 to 85°C, VSPI = 3V to 5.5V)
ILI
Input Leakage Current
2
µA
ILO
Output Leakage Current
±2
µA
VIL
Input Low Voltage
-0.3
0.3VSPI
V
VIH
Input High Voltage
0.7VSPI
VSPI+1
V
VOL
Output Low Voltage
IOL = 2mA
0.2VSPI
V
VOH
Output High Voltage
IOH = -2mA
0.8VSPI
V
AC Characteristics (Tamb = -40 to 85°C, VSPI = 3V to 5.5V
tSCLH
tSU
S Setup Time
50
ns
tCLSH
tSH
S Hold Time
50
ns
tCH
tWH
Clock High Time
200
ns
tCL
tWL
Clock Low Time
300
ns
tCLCH
tRC
Clock Rise Time
1
µs
tCHCL
tFC
Clock Fall Time
1
µs
tDVCH
tDSU
Data In Setup Time
50
ns
tCHDX
tDH
Data In Hold Time
50
ns
tDLDH
tRI
Data In Rise Time
1
µs
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com