Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 16Page - STMicroelectronics L5953 Datasheet HTML 17Page - STMicroelectronics L5953 Datasheet HTML 18Page - STMicroelectronics L5953 Datasheet HTML 19Page - STMicroelectronics L5953 Datasheet HTML 20Page - STMicroelectronics L5953 Datasheet HTML 21Page - STMicroelectronics L5953 Datasheet HTML 22Page - STMicroelectronics L5953 Datasheet HTML 23Page - STMicroelectronics L5953 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
L5953
20/24
PART LIST on Evaluation Board
REG1 OUTPUT VOLTAGE
VSTBY = 5V if pin ADJ left floating
VSTBY = 3.3V if pin ADJ is conneted to the pin VSTBY
Timing Capacitor
The value for this capacitor has to be chosen according the wanted power-on delay Td:
where ICT1 is the source current used to charge the timing capacitor and VSTBY is the REG1 output voltage.
Feedback resistors for REG2
where VLR is the required output voltage for REG2.
External components for PWM regulator
Bootstrap capacitor
The suggested value for the bootstrap capacitor is C6 = 100nF
Here following you find the criteria for the selection of the inductor L1, the free-wheeling diode D2, the output
filter capacitor C7, the feedback resistor R1, R2 and the compensation network R3, C8, R4, C9 to have a Buck
regulator working in Continuos mode. Continuous mode operation is recommended in order to reduce the stress
of the output capacitor and of the free-wheeling diode.
Inductor Selection
The minimum value of the inductor L7 has to be so that the maximum inductor current ripple
∆IL,max is 20% to
30% of the maximum load current load Io,max.The maximum ripple is present when the switching frequency is
minimum ( fsw,min ) and the input voltage is maximum ( Vin,max ) so the minimum value for the inductor Lmin is :
Output Capacitor Selection
The criteria for the selection of the capacitor C7 is based on the output voltage ripple requirements. The ripple
on the output voltage is due to a capacitive contribute, often negligible, equal to
C1 = 470
µF
C2 = 220 nF
C3 = 470
µF
C4 = 10
µF
C5 = 1
µF
C6 = 100 nF
C7 = 470
µF
ESR=65 m
Ω
C8 = 56nF
C9 = 2.7 nF
C10 = 10
µF
C11 = 4.7 nF
R1 = 2.2 k
Ω
R2 = 2 x 1.5 k
Ω
in parallel
R3 = 10 k
Ω
R4 = 220 k
Ω
R5 = 3.3 k
Ω
R6 = 1 k
Ω
L1 = 180
µH
D1 = 1N4007 or
MBR160
D2 = MBR360
C11
I
CT 1
T
d
⋅
0.5 V
STBY
⋅
() V
CTL Ry
+
--------------------------------------------------------------
=
R5
R6
V
LR
V
ref R EG 2
,
--------------------------

 1
–
⋅
=
L
min
V
O
∆I
Lm ax
,
-------------------- 1
V
O
V
im ax
,
-----------------
1
f
sw m in
,
------------------
⋅
–
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com