Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 14Page - STMicroelectronics L5953 Datasheet HTML 15Page - STMicroelectronics L5953 Datasheet HTML 16Page - STMicroelectronics L5953 Datasheet HTML 17Page - STMicroelectronics L5953 Datasheet HTML 18Page - STMicroelectronics L5953 Datasheet HTML 19Page - STMicroelectronics L5953 Datasheet HTML 20Page - STMicroelectronics L5953 Datasheet HTML 21Page - STMicroelectronics L5953 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
L5953
18/24
Figure 16. Write the Status Register (after a Write Enable Latch Sequence, operation A)
Figure 17. Read the Status Register
IRQ - Interrupt Request Pin
s
It is an open drain pin activated (low) every time a variation occurs in the Diagnostic Register.
s
Purpose: to alert the
µP that one or more warning bit of the Diagnostic Register has changed from 0 to
1 or from 1 to 0.
s
An activation of this pin puts the bit s0 of the Status Register to 1 (START DIAGNOSTIC) like an
Operation E (Diagnostic Procedure Start). Then an Operation F has to be executed without an
Operation E before.
s
After an Operation F, the IRQ pin is disactivated, and goes to 1 if connected to a pull-up resistor.
L5953 - Application Note
00
01
02
03
04
HIGH IMPEDANCE
INSTRUCTION
STATUS REGISTER
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
s15
s14
s13
s12
s11
s10
s9
s8
s7
s6
s5
s4
s3
s2
s1
s0
S
C
D
Q
D03AU1488
CPOL=0, CPHA=0
00
01
02
03
04
HIGH IMPEDANCE
INSTRUCTION
STATUS REGISTER OUT
05
06
07
08
09
10
11
12
13
14
15
S
C
D
Q
D03AU1489
16
17
18
19
20
21
22
23
s15
s14
s13
s12
s11
s10
s9
s8
s7
s6
s5
s4
s3
s2
s1
s0
CPOL=0, CPHA=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com