Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 12Page - STMicroelectronics L5953 Datasheet HTML 13Page - STMicroelectronics L5953 Datasheet HTML 14Page - STMicroelectronics L5953 Datasheet HTML 15Page - STMicroelectronics L5953 Datasheet HTML 16Page - STMicroelectronics L5953 Datasheet HTML 17Page - STMicroelectronics L5953 Datasheet HTML 18Page - STMicroelectronics L5953 Datasheet HTML 19Page - STMicroelectronics L5953 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
L5953
16/24
1) WREN instruction (Fig.11)
2) WSTA instruction (Fig.16)
Operation D
s
Read the Status Register
1) RSTA instruction (Fig.17)
2) Status Register output (Fig.17)
Operation E
s
Diagnostic Procedure Start
1) WREN instruction (Fig.11)
2) WSTA instruction (Fig.14)
Operation F
s
Read the Diagnostic Register
Case 2: after a Diagnostic Procedure Start
1) RDIA instruction (Fig.15)
2) Diagnostic Register output (Fig.15)
An operation F must follow an operation E if the pin IRQ is not activated.
The delay between the Operation E and an Operation F must be longer than 100
µs.
To be recognized, the fault must be present without interruptions during all the delay above mentionned .
After an Operation F, the bit s0 of the Status Register is resettled (0)
Operation G
s
Write operation disabled
1) WRDI instruction (Table 1)
Operation H
s
Read the Diagnostic Register case 3: after an IRQ pin activation
1) RDIA instruction (Fig. 15)
2) Diagnostic Register Output (Fig. 15)
The delay between the IRQ activation and an Operation F must be longer than 100
µs
Figure 11. Write Enable Latch Sequence
00
01
02
03
04
HIGH IMPEDANCE
05
06
07
S
C
CPOL=0
CPHA=0
D
Q
D03AU1483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com