Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5953
Description  MULTIPLE SWITCHING VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 3 Page - STMicroelectronics

  L5953 Datasheet HTML 1Page - STMicroelectronics L5953 Datasheet HTML 2Page - STMicroelectronics L5953 Datasheet HTML 3Page - STMicroelectronics L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
L5953
PIN FUNCTION
Pin Number
Pin Name
Function
1
FGND
Analog Ground
2
S2
Input Voltage for LVW2
3
S1
Input Voltage for LVW1
4W2
LVW2 Output
5W1
LVW1 Output
6
RES
Reset
7
CT
Timing capacitor
8
D
SPI Serial Input
9
C
SPI Clock
10
Q
SPI Serial Output
11
S
SPI Chip Select
12
DGND
SPI Ground
13
IRQ
Interrupt
14
HSD2
HSD2 Output
15
VDD-LIN
Battery
16
N.C.
Not Connected
17
HSD1
HSD1 Output
18
SWGND
Switching Ground
19
VDD-SW
PWM Battery
20
DRAINOUT
Drain of the exrternal MOS
21
N.C.
Not Connected
22
GND
Ground
23
VSW
Source of the external MOS
24
GATEIN
Gate of the internal MOS
25
GATEOUT
Switching Output for power mos gate
26
STRAP
Bootstrap
27
SYNC
Synchronization
28
VLR
REG2 Linear Voltage Regulator Output
29
VIN
REG2 Linear Voltage Regulator Input
30
FBLR
REG2 Linear Voltage Regulator Feedback
31
COMP
PWM Compensation
32
FB
PWM Feedback
33
STCAP
ST-CAP
34
VSPI
Supply Voltage for SPI I/O
35
VSTBY
REG1 Stand-by Linear Voltage Regulator Output
36
ADJ
3.3V/5V REG1 Voltage Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com