Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20701NP Datasheet (PDF) - Renesas Technology Corp

R2J20701NP Datasheet PDF - Renesas Technology Corp
Part # R2J20701NP
Download  R2J20701NP Download
File Size   223.84 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Peak Current Mode Synchronous Buck Controller with Power MOSFETs

R2J20701NP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2J20701NP Datasheet PDF - Renesas Technology Corp

Part # R2J20701NP
Download  R2J20701NP Click to download

File Size   223.84 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Peak Current Mode Synchronous Buck Controller with Power MOSFETs

R2J20701NP Datasheet (HTML) - Renesas Technology Corp


R2J20701NP Product details

Description
This all-in-one SiP for POL (point-of-load) applications is a multi-chip module incorporating a high-side MOS FET, low-side MOS FET, and PWM controller in a single QFN package. The on and off timing of the power MOS FET is optimized by the built-in driver circuit, making this device suitable for large-current high-efficiency buck converters.
In a simple peak-current mode topology, stable operation is obtained in a closed power loop, and a fast converter is easily realized with the addition of simple components. Furthermore, the same topology can be applied to realize converters for parallel synchronized operation with current sharing, and two-phase operation.
The package also incorporates a high-side bootstrap Schottky barrier diode (SBD), eliminating the need for an external SBD for this purpose.

Features
• Three chips in one package for high-efficiency and space saving
• Large average output current (35 A)
• Wide input voltage range: 8 to 14 V
• 0.6 V reference voltage accurate to within 1%
• Wide programmable switching frequency: 200 kHz to 1 MHz
• Fast response by peak-current-mode topology.
• Simple current sharing (up to five modules in parallel)
• Two-phase operation in parallel operation
• Built-in SBD for boot strapping
• On/off control
• Hiccup operation under over load condition
• Tracking function
• Thin small package: 56-pin QFN (8 mm × 8 mm)
• Pb-free

Applications
• Network equipment
• Telecommunications equipment
• Servers
• POL modules




Similar Part No. - R2J20701NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
226Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
More results


Similar Description - R2J20701NP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
High Efficiency, Synchronous Current Mode Buck Controller
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
Constant Frequency, Synchronous Current Mode Buck Controller
logo
Renesas Technology Corp
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOS FETs
RAA207700GBM RENESAS-RAA207700GBM Datasheet
162Kb / 18P
Synchronous Buck Regulator with Internal Power MOSFETs
logo
Texas Instruments
LM3495 TI1-LM3495_14 Datasheet
1Mb / 35P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com