Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20701NP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2J20701NP
Description  Peak Current Mode Synchronous Buck Controller with Power MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20701NP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2J20701NP Datasheet HTML 5Page - Renesas Technology Corp R2J20701NP Datasheet HTML 6Page - Renesas Technology Corp R2J20701NP Datasheet HTML 7Page - Renesas Technology Corp R2J20701NP Datasheet HTML 8Page - Renesas Technology Corp R2J20701NP Datasheet HTML 9Page - Renesas Technology Corp R2J20701NP Datasheet HTML 10Page - Renesas Technology Corp R2J20701NP Datasheet HTML 11Page - Renesas Technology Corp R2J20701NP Datasheet HTML 12Page - Renesas Technology Corp R2J20701NP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
R2J20701NP
REJ03G1459-0300 Rev.3.00 Jun 20, 2007
Page 9 of 27
Description of Operation
Peak Current Control
The control IC operates in a current-programmed control mode, in which the output of the converter is controlled by the
choice of the peak current from the high-side MOS FET. The current from this MOS FET is sensed by an active
current-sensing circuit (ACS), the output current of which is 1/18500 (54 ppm) of the MOS FET current. The ACS
current is then converted to a certain voltage by the external resistor on the CS pin. The CS voltage is fed to the RAMP
pin by an external connection, then compared with the current-control signal which is determined from the error
amplifier output voltage (EO) via an NPN transistor and resistor network.
To start with, the RES pulse from the pulse generator resets a latch, then the high-side MOS FET is turned on. The
latch output (Q bar) is toggled when the voltage on RAMP reaches the level of the current-control signal on EO, the
high-side MOS FET is turned off, and the low-side MOS FET is turned off after a certain dead-time interval. The IC
remains in this state until the arrival of the next RES pulse.
Since current information is used in the control loop, loop compensation design for the converter is simple and easy.
Maximum Duty-Cycle Limitation
If the current-sense comparator output is not toggled 50-ns prior to the arrival of the next RES pulse, an internal
maximum duty pulse is generated and forces toggling of the SR latch. So, the duty cycle of the high-side MOS FET is
limited by the maximum duty period.
The maximum duty period of the high-side MOS FET depends on its switching frequency.
Maximum duty period = 1 – 50 ns
× Fsw
OCP Hiccup Operation
Once the voltage of CS exceeds 1.5 V, OCP hiccup circuit disables switching operation of the IC and MOS FETs.
Internal circuitry also pulls the TRK-SS pin down to SGND. The IC is turned off for a period of 1024 RES pulses; after
this has elapsed, switching operation of the IC is restarted from the soft-start state.
UVLO and On/off Control
When VIN (=Vcin) is below the start-up voltage, that is, is in the UVLO condition, functioning of the IC is disabled.
The oscillator is turned off, both high- and low-side MOS FETs are turned off, and the TRK-SS pin is pulled down.
Furthermore, if the ON/OFF pin is in the low state or left open, functioning of the IC is disabled and both MOS FETs
are turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com