Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2169A Datasheet (PDF) - Micrel Semiconductor

MIC2169A Datasheet PDF - Micrel Semiconductor
Part # MIC2169A
Download  MIC2169A Download
File Size   1303.56 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500kHz PWM Synchronous Buck Control IC

MIC2169A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2169A Datasheet PDF - Micrel Semiconductor

Part # MIC2169A
Download  MIC2169A Click to download

File Size   1303.56 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500kHz PWM Synchronous Buck Control IC

MIC2169A Datasheet (HTML) - Micrel Semiconductor


MIC2169A Product details

General Description
The MIC2169A is a high-efficiency, simple to use 500kHz PWM synchronous buck control IC housed in a small MSOP-10 package. The MIC2169A allows compact DC/DC solutions with a minimal external component count and cost.
The MIC2169A operates from a 3V to 14.5V input, without the need of any additional bias voltage. The output voltage can be precisely regulated down to 0.8V. The adaptive all N-Channel MOSFET drive scheme allows efficiencies over 95% across a wide load range.

Features
• 3V to 14.5V input voltage range
• Adjustable output voltage down to 0.8V
• Up to 95% efficiency
• 500kHz PWM operation
• Adjustable current limit senses high-side N-Channel MOSFET current
• No external current-sense resistor
• Adaptive gate drive increases efficiency
• Overvoltage protection protects the load in fault conditions
• Dual mode current limit speeds up recovery time
• Hiccup mode short-circuit protection
• Internal soft-start
• Dual function COMP and EN pin allows low-power shutdown
• Small size MSOP 10-lead package

Applications
• Point-of-load DC/DC conversion
• Set-top boxes
• Graphic cards
• LCD power supplies
• Telecom power supplies
• Networking power supplies
• Cable modems and routers




Similar Part No. - MIC2169A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2169ABMM MICREL-MIC2169ABMM Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2169AYMM MICREL-MIC2169AYMM Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
More results


Similar Description - MIC2169A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com