Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2169B Datasheet (PDF) - Micrel Semiconductor

MIC2169B Datasheet PDF - Micrel Semiconductor
Part # MIC2169B
Download  MIC2169B Download
File Size   554.48 Kbytes
Page   24 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500kHz PWM Synchronous Buck Control IC

MIC2169B Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2169B Datasheet PDF - Micrel Semiconductor

Part # MIC2169B
Download  MIC2169B Click to download

File Size   554.48 Kbytes
Page   24 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 500kHz PWM Synchronous Buck Control IC

MIC2169B Datasheet (HTML) - Micrel Semiconductor


MIC2169B Product details

General Description
The MIC2169B is a high-efficiency, simple to use 500kHz PWM synchronous buck control IC housed in small MSOP-10 and MSOP-10 ePad packages. The MIC2169B allows compact DC/DC solutions with a minimal external component count and cost. The device features high output driver capability to drive loads up to 30A.

Features
• 3V to 14.5V input voltage range
• Adjustable output voltage down to 0.8V
• 500kHz PWM operation
• Up to 95% efficiency
• Output Pre-biased Protection
• Build-in 2.2Ω drivers to drive two n-channel MOSFETs
• Adaptive gate drive increases efficiency
• Simple, externally-compensated voltage-mode PWM control
• Short minimum ON time of 30ns allowing very-low duty cycle
• Fast transient response
• Adjustable current limit senses high-side N-Channel MOSFET current
• Hiccup mode short-circuit protection
• No external current-sense resistor
• Internal soft-start current source
• Dual function COMP and EN pin allows low-power shutdown
• Available in small-size 10-pin MSOP and 10-pin MSOP ePad packages

Applications
• Point-of-load DC/DC conversion
• High-Current Power Supplies
• Telecom/Datacom and Networking Power Supplies
• Servers and Workstations
• Graphic cards and other PC Peripherals
• Set-top boxes
• LCD power supplies




Similar Part No. - MIC2169B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2169BMM MICREL-MIC2169BMM Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2169BYMM MICREL-MIC2169BYMM Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169BYMME MICREL-MIC2169BYMME Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
More results


Similar Description - MIC2169B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com