Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5M570Z Datasheet (PDF) - Altera Corporation

5M570Z Datasheet PDF - Altera Corporation
Part # 5M570Z
Download  5M570Z Download
File Size   1175.96 Kbytes
Page   72 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description MAX V Device Core

5M570Z Datasheet (PDF)

Go To PDF Page Download Datasheet
5M570Z Datasheet PDF - Altera Corporation

Part # 5M570Z
Download  5M570Z Click to download

File Size   1175.96 Kbytes
Page   72 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description MAX V Device Core

5M570Z Datasheet (HTML) - Altera Corporation


5M570Z Product details

Feature Summary
The following list summarizes the MAX V device family features:
■ Low-cost, low-power, and non-volatile CPLD architecture
■ Instant-on (0.5 ms or less) configuration time
■ Standby current as low as 25 µA and fast power-down/reset operation
■ Fast propagation delay and clock-to-output times
■ Internal oscillator
■ Emulated RSDS output support with a data rate of up to 200 Mbps
■ Emulated LVDS output support with a data rate of up to 304 Mbps
■ Four global clocks with two clocks available per logic array block (LAB)
■ User flash memory block up to 8 Kbits for non-volatile storage with up to 1000
read/write cycles
■ Single 1.8-V external supply for device core
■ MultiVolt I/O interface supporting 3.3-V, 2.5-V, 1.8-V, 1.5-V, and 1.2-V logic levels
■ Bus-friendly architecture including programmable slew rate, drive strength,
bus-hold, and programmable pull-up resistors
■ Schmitt triggers enabling noise tolerant inputs (programmable per pin)
■ I/Os are fully compliant with the PCI-SIG® PCI Local Bus Specification, revision
2.2 for 3.3-V operation
■ Hot-socket compliant
■ Built-in JTAG BST circuitry compliant with IEEE Std. 1149.1-1990
Table 1–1 lists the MAX V family features.




Similar Part No. - 5M570Z

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5M570Z ALTERA-5M570Z Datasheet
489Kb / 30P
DC and Switching Characteristics for MAX V Devices
5M570ZE64A4N ALTERA-5M570ZE64A4N Datasheet
3Mb / 166P
MAX V Device Handbook
5M570ZE64A5N ALTERA-5M570ZE64A5N Datasheet
3Mb / 166P
MAX V Device Handbook
5M570ZE64C4N ALTERA-5M570ZE64C4N Datasheet
3Mb / 166P
MAX V Device Handbook
5M570ZE64C5N ALTERA-5M570ZE64C5N Datasheet
3Mb / 166P
MAX V Device Handbook
More results


Similar Description - 5M570Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
logo
Littelfuse
LRD190 LITTELFUSE-LRD190 Datasheet
70Kb / 2P
Max. Device Surface Temperature in Tripped State
logo
Altera Corporation
EPM240G ALTERA-EPM240G Datasheet
1Mb / 86P
MAX II Device Family
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
MAX II Device Family Data
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
MAX V Device Handbook
logo
TDK Electronics
ICM-30630 TDK-ICM-30630 Datasheet
141Kb / 1P
Tri-core 6-Axis Motiontraking Device
logo
Altera Corporation
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
Section I. MAX II Device Family
August 2009
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
MAX II Device Handbook
October 2008, version 2.1
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
MAX II Device Family Data Sheet
December 2006
M10 INTEL-M10 Datasheet
240Kb / 14P
Intel® MAX® 10 FPGA Device Overview
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com