Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C1024-55PC5 Datasheet (PDF) - Advanced Micro Devices

AM27C1024-55PC5 Datasheet PDF - Advanced Micro Devices
Part # AM27C1024-55PC5
Download  AM27C1024-55PC5 Download
File Size   165.35 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 1 Megabit (65 K x 16-Bit) CMOS EPROM

AM27C1024-55PC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM27C1024-55PC5 Datasheet PDF - Advanced Micro Devices

Part # AM27C1024-55PC5
Download  AM27C1024-55PC5 Click to download

File Size   165.35 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 1 Megabit (65 K x 16-Bit) CMOS EPROM

AM27C1024-55PC5 Datasheet (HTML) - Advanced Micro Devices


AM27C1024-55PC5 Product details

GENERAL DESCRIPTION

The Am27C1024 is a 1 Megabit, ultraviolet erasable programmable read-only memory. It is organized as 64 Kwords by 16 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast single address location programming. Products are available in windowed ceramic DIP packages, as well as plastic one time programmable (OTP) PDIP and PLCC packages.



DISTINCTIVE CHARACTERISTICS

■Fast access time

   — Speed options as fast as 55 ns

■Low power consumption

   — 20 µA typical CMOS standby current

■JEDEC-approved pinout

   — 40-Pin DIP/PDIP

  — 44-Pin PLCC

■Single +5 V power supply

■±10% power supply tolerance standard

■100% Flashrite™ programming

   — Typical programming time of 8 seconds

■Latch-up protected to 100 mA from –1 V to VCC+ 1 V

■High noise immunity

■Versatile features for simple interfacing

   — Both CMOS and TTL input/output compatibility

   — Two line control functions




Similar Part No. - AM27C1024-55PC5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
More results


Similar Description - AM27C1024-55PC5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
1-Megabit 64K x 16 OTP EPROM
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
1-Megabit (64K x 16) OTP EPROM
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com