Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8665ARZ Datasheet (PDF) - Analog Devices

AD8665ARZ Datasheet PDF - Analog Devices
Part # AD8665ARZ
Download  AD8665ARZ Download
File Size   621.13 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V, 4 MHz RR0 Amplifiers

AD8665ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8665ARZ Datasheet PDF - Analog Devices

Part # AD8665ARZ
Download  AD8665ARZ Click to download

File Size   621.13 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 V, 4 MHz RR0 Amplifiers

AD8665ARZ Datasheet (HTML) - Analog Devices


AD8665ARZ Product details

FEATURES
Offset voltage: 2.5 mV max
Low input bias current: 1 pA max
Single-supply operation: 5 V to 16 V
Dual-supply operation: ±2.5 V to ±8 V
Low noise: 8 nV/√Hz @ 10 kHz
Wide bandwidth: 4 MHz
Rail-to-rail output
Unity-gain stable
Lead-free packaging
AD8666/AD8668 qualified for automotive applications
APPLICATIONS
Sensor amplification
Reference buffers
Medical equipment
Physiological measurements
Signal filters and conditioning
Consumer audio
Photodiode amplification
ADC driver
Level shifting circuits




Similar Part No. - AD8665ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8665ARZ AD-AD8665ARZ Datasheet
524Kb / 16P
16 V, 4 MHz Rail-to-Rail Output Amplifiers
10/06-Rev. 0 to Rev. A
AD8665ARZ AD-AD8665ARZ Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARZ-REEL AD-AD8665ARZ-REEL Datasheet
524Kb / 16P
16 V, 4 MHz Rail-to-Rail Output Amplifiers
10/06-Rev. 0 to Rev. A
AD8665ARZ-REEL AD-AD8665ARZ-REEL Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665ARZ-REEL7 AD-AD8665ARZ-REEL7 Datasheet
524Kb / 16P
16 V, 4 MHz Rail-to-Rail Output Amplifiers
10/06-Rev. 0 to Rev. A
More results


Similar Description - AD8665ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8665 AD-AD8665 Datasheet
524Kb / 16P
16 V, 4 MHz Rail-to-Rail Output Amplifiers
10/06-Rev. 0 to Rev. A
AD8666ARMZ AD-AD8666ARMZ Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665 AD-AD8665_15 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8666 AD-AD8666_15 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8668 AD-AD8668_15 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com