Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5514 Datasheet (PDF) - Analog Devices

LT5514 Datasheet PDF - Analog Devices
Part # LT5514
Download  LT5514 Download
File Size   2389.31 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V/V)

LT5514 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT5514 Datasheet PDF - Analog Devices

Part # LT5514
Download  LT5514 Click to download

File Size   2389.31 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 2V/V)

LT5514 Datasheet (HTML) - Analog Devices


LT5514 Product details

FEATURES
APPLICATIONS
n Differential ADC Driver for:
Imaging
Communications
n Differential Driver/Receiver
n Single Ended to Differential Conversion
n Differential to Single Ended Conversion
n Level Shifting
n IF Sampling Receivers
n SAW Filter Interfacing/Buffering
n 800MHz –3dB Bandwidth
n Fixed Gain of 2V/V (6dB)
n Low Distortion:
38dBm OIP3, –70dBc HD3 (70MHz, 2VP-P)
51dBm OIP3, –94dBc HD3 (10MHz, 2VP-P)
n Low Noise: 12.3dB NF, en = 3.8nV/Hz (70MHz)
n Differential Inputs and Outputs
n Additional Filtered Outputs
n Adjustable Output Common Mode Voltage
n DC- or AC-Coupled Operation
n Minimal Support Circuitry Required
n Small 0.75mm Tall 16-Lead 3 × 3 QFN Package




Similar Part No. - LT5514

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT5514 LINER-LT5514 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5514 LINER-LT5514 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LT5514 LINER-LT5514 Datasheet
1Mb / 32P
1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
More results


Similar Description - LT5514

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
logo
Linear Technology
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-2 LINER-LT1993-2_15 Datasheet
676Kb / 20P
800MHz Low Distortion, Low Noise Differential Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com