Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWQ9LR34.PM Datasheet (PDF) - OSRAM GmbH

GWQ9LR34.PM Datasheet PDF - OSRAM GmbH
Part # GWQ9LR34.PM
Download  GWQ9LR34.PM Download
File Size   1969.87 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.

GWQ9LR34.PM Datasheet (PDF)

Go To PDF Page Download Datasheet
GWQ9LR34.PM Datasheet PDF - OSRAM GmbH

Part # GWQ9LR34.PM
Download  GWQ9LR34.PM Click to download

File Size   1969.87 Kbytes
Page   25 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.

GWQ9LR34.PM Datasheet (HTML) - OSRAM GmbH


GWQ9LR34.PM Product details

Features
- Package: white SMT package, colored diffused resin
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 70 (min.), 72 (typ.), R9: -50 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 223 lm @ 4000 K
- Luminous efficacy: typ. 224 lm/W @ 4000 K





Similar Part No. - GWQ9LR34.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWQ9LR34.EM OSRAM-GWQ9LR34.EM Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-L8M6-XX510-1 OSRAM-GWQ9LR34.EM-L8M6-XX510-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-L9M6-XX58-1 OSRAM-GWQ9LR34.EM-L9M6-XX58-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-M2M9-XX56-1 OSRAM-GWQ9LR34.EM-M2M9-XX56-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
GWQ9LR34.EM-M2M9-XX57-1 OSRAM-GWQ9LR34.EM-M2M9-XX57-1 Datasheet
1Mb / 25P
The latest QFN cast 5050 LED version adds to its impressive 5050 line-up of high efficacy performance combined with DLC Premium Lifetime.
Version 1.0 2023-03-24
More results


Similar Description - GWQ9LR34.PM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STR1230165CG01 ETC2-STR1230165CG01 Datasheet
1Mb / 7P
5050 LED Strip Lights
logo
Inolux Corporation
IN-P55TATRGB INOLUX-IN-P55TATRGB Datasheet
1Mb / 14P
1.5mm 5050 PLCC-6
IN-PI554FCH INOLUX-IN-PI554FCH Datasheet
1Mb / 19P
5050 RGB LED 4-Pin With Integrated IC
IN-PI556FCH INOLUX-IN-PI556FCH Datasheet
1Mb / 18P
5050 RGB LED 6-Pin With Integrated IC
IN-PC55TBTRGB INOLUX-IN-PC55TBTRGB Datasheet
992Kb / 13P
5050 RGB LED 6-Pin with Integrated IC
IN-PI55QATPRPGPBPW-XX INOLUX-IN-PI55QATPRPGPBPW-XX Datasheet
1Mb / 17P
5050 RGBW LED 4-Pin with Integrated IC
IN-PI55TATXRXGXB INOLUX-IN-PI55TATXRXGXB Datasheet
946Kb / 13P
5050 RGB LED 4-Pin with Integrated IC
IN-PI55TBTPRPGPB INOLUX-IN-PI55TBTPRPGPB Datasheet
876Kb / 13P
5050 RGB LED 6-Pin with Integrated IC
logo
ams AG
GWP9LR35.EM AMSCO-GWP9LR35.EM Datasheet
1Mb / 23P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.1 2021-08-18
GWP9LR35.PM AMSCO-GWP9LR35.PM Datasheet
1Mb / 25P
The latest Duris® S 8 generation of LEDs offers an impressive efficacy performance combined with DLC Premium Lifetime achievement.
Version 1.10 2022-09-21
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com