Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RQG2001URAQF Datasheet (PDF) - Renesas Technology Corp

RQG2001URAQF Datasheet PDF - Renesas Technology Corp
Part # RQG2001URAQF
Download  RQG2001URAQF Download
File Size   247.17 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier

RQG2001URAQF Datasheet (PDF)

Go To PDF Page Download Datasheet
RQG2001URAQF Datasheet PDF - Renesas Technology Corp

Part # RQG2001URAQF
Download  RQG2001URAQF Click to download

File Size   247.17 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier

RQG2001URAQF Datasheet (HTML) - Renesas Technology Corp


RQG2001URAQF Product details

Features
• Ideal for 2 GHz Band applications. e.g 2.4 GHz WLAN, Digital cordless phone.
• Low Distortion and Excellent Linearity
   IP3 at output = +30 dBm typ., P1dB at output = +19 dBm typ., f = 1.8 GHz
• High Transition Frequency
   fT = 20 GHz typ.
• High Collector to Emitter Voltage
   VCEO = 5 V




Similar Part No. - RQG2001URAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1001UP-TL-E RENESAS-RQG1001UP-TL-E Datasheet
314Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1003UQ-TL-E RENESAS-RQG1003UQ-TL-E Datasheet
317Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1003UQAQF RENESAS-RQG1003UQAQF Datasheet
317Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UP-TL-E RENESAS-RQG1004UP-TL-E Datasheet
283Kb / 19P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
More results


Similar Description - RQG2001URAQF

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5342M AUK-2SC5342M Datasheet
216Kb / 4P
NPN Silicon Transistor (Medium power amplifier)
logo
NEC
NE678M04 NEC-NE678M04 Datasheet
62Kb / 7P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
RQG1003UQAQF RENESAS-RQG1003UQAQF Datasheet
317Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UPAQL RENESAS-RQG1004UPAQL Datasheet
283Kb / 19P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com