Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE678M04 Datasheet (PDF) - NEC

NE678M04 Datasheet PDF - NEC
Part # NE678M04
Download  NE678M04 Download
File Size   62.41 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR

NE678M04 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE678M04 Datasheet PDF - NEC

Part # NE678M04
Download  NE678M04 Click to download

File Size   62.41 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR

NE678M04 Datasheet (HTML) - NEC


NE678M04 Product details

DESCRIPTION
The NE678M04 is fabricated using NECs HFT3 wafer process. With a transition frequency of 12 GHz, the NE678M04 is usable in applications from 100 MHz to 3 GHz. The NE678M04 provides P1dB of 18 dBm, even with low voltage and low current, making this device an excellent choice for the driver stage for mobile or fixed wireless applications.
The NE678M04 is housed in NECs new low profile/flat lead style "M04" package

FEATURES
• HIGH GAIN BANDWIDTH:
   fT = 12 GHz
• HIGH OUTPUT POWER:
   P-1dB = 18 dBm at 1.8 GHz
• HIGH LINEAR GAIN:
   GL = 13 dB at 1.8 GHz
• NEW LOW PROFILE M04 PACKAGE:
   SOT-343 footprint, with a height of only 0.59 mm
   Flat lead style for better RF performance




Similar Part No. - NE678M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE678M04-T2-A CEL-NE678M04-T2-A Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NE678M04

ManufacturerPart #DatasheetDescription
logo
NEC
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
NE664M04 CEL-NE664M04 Datasheet
275Kb / 10P
MEDIUM POWER NPN SILICON HIGH FRQUENCY TRANSISTOR
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
NPN medium frequency transistor
2004 Feb 05
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
NPN medium frequency transistor
2004 Mar 15
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com