Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2309-SL Datasheet (PDF) - Princeton Technology Corp

PT2309-SL Datasheet PDF - Princeton Technology Corp
Part # PT2309-SL
Download  PT2309-SL Download
File Size   272.69 Kbytes
Page   13 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Headphone Driver IC

PT2309-SL Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2309-SL Datasheet PDF - Princeton Technology Corp

Part # PT2309-SL
Download  PT2309-SL Click to download

File Size   272.69 Kbytes
Page   13 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Headphone Driver IC

PT2309-SL Datasheet (HTML) - Princeton Technology Corp


PT2309-SL Product details

DESCRIPTION

The PT2309 is a headphone driver IC, it can working on wide supply range. Utilizing CMOS Technology, it has very low power consumption is in stand-by mode. Total harmonic distortion is lower than 0.03% (32Ω load) and the also has low noise output. Built-in mute function can prevents popping sounds happen when power is turned ON or OFF. It is also has built-in over-temperature protection, minimum package size for space saving and suitable for small or portable products.



FEATURES

• CMOS Technology

• Stereo Input

• Drive 32Ω impedance load

• Low noise, Low distortion

• Suppress the pop and click noise when mode changed

• Built-in mute function

• Available in 8 Pins, DIP or SOP Package



APPLICATIONS

• Portable VCD/DVD

• CD-ROM

• PDA

• Sound Card



 




Similar Part No. - PT2309-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2309-S PTC-PT2309-S Datasheet
264Kb / 8P
Headphone Driver IC
More results


Similar Description - PT2309-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308 PTC-PT2308 Datasheet
30Kb / 3P
Headphone Driver IC
PT2308L PTC-PT2308L Datasheet
46Kb / 3P
Headphone Driver
logo
Mitsumi Electronics, Co...
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
IC for Headphone Stereos Monolithic IC
logo
Princeton Technology Co...
PT2308 PTC-PT2308_1 Datasheet
270Kb / 6P
Headphone Driver IC
PT2308L PTC-PT2308L_09 Datasheet
280Kb / 6P
Headphone Driver IC
PT2309 PTC-PT2309_09 Datasheet
264Kb / 8P
Headphone Driver IC
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
DirectPath Headphone Driver
logo
SHENZHEN FUMAN ELECTRON...
P6K FUMAN-P6K Datasheet
117Kb / 4P
Apple Headphone Cable IC
logo
Shenzhen Huazhimei Semi...
HM5264 HMSEMI-HM5264 Datasheet
351Kb / 3P
Headphone wire control IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com