Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25100 Datasheet (PDF) - Cypress Semiconductor

CY25100 Datasheet PDF - Cypress Semiconductor
Part # CY25100
Download  CY25100 Download
File Size   182.91 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Universal Programmable Clock Generator (UPCG)

CY25100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY25100 Datasheet PDF - Cypress Semiconductor

Part # CY25100
Download  CY25100 Click to download

File Size   182.91 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Universal Programmable Clock Generator (UPCG)

CY25100 Datasheet (HTML) - Cypress Semiconductor


CY25100 Product details

Functional Description

The CY22800 is a multi-function clock generator that supports various applications in consumer and communications markets. The device uses the Cypress proprietary PLL along with spread spectrum and VCXO technology to make it one of the most versatile clock synthesizers in the marketplace. The CY22800 is a field-programmable synthesizer that can be programmed using an easy-to-use programmer dongle, CY36800, with one of many predefined configuration files for fast sample generation of prototype builds.



Features

■ Spread spectrum, VCXO, and frequency select

■ Input frequency range:

❐ Crystal: 8–30 MHz

❐ CLKIN: 0.5–100 MHz

■ Output frequency:

❐ Commercial: 1–200 MHz

❐ Industrial: 1–166 MHz

■ Integrated phase-locked loop

■ Low jitter, high accuracy outputs

■ 3.3 V operation

■ 8-pin SOIC package




Similar Part No. - CY25100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
372Kb / 13P
Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100SCF CYPRESS-CY25100SCF Datasheet
279Kb / 11P
Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100SIF CYPRESS-CY25100SIF Datasheet
279Kb / 11P
Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100SXC-XXXW CYPRESS-CY25100SXC-XXXW Datasheet
279Kb / 11P
Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
More results


Similar Description - CY25100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
Universal Programmable Clock Generator
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
Universal Programmable Clock Generator (UPCG)
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com