Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC258LC3B Datasheet (PDF) - Hittite Microwave Corporation

HMC258LC3B Datasheet PDF - Hittite Microwave Corporation
Part # HMC258LC3B
Download  HMC258LC3B Download
File Size   217.41 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz

HMC258LC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC258LC3B Datasheet PDF - Hittite Microwave Corporation

Part # HMC258LC3B
Download  HMC258LC3B Click to download

File Size   217.41 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz

HMC258LC3B Datasheet (HTML) - Hittite Microwave Corporation


HMC258LC3B Product details

General Description
The HMC258LC3B is a 14.5 - 19.5 GHz surface mount sub-harmonically pumped (x2) MMIC mixer with an integrated LO amplifi er in a SMT leadless ceramic package. At 45 dB the 2LO to RF isolation eliminates the need for additional fi ltering. The LO amplifi er is a single bias (+5V) two stage design with only 0 dBm drive requirement. The HMC258LC3B requires no external matching components, making it ideal for integrated subsystem applications. Utilizing the HMC258LC3B eliminates the need for wire-bonding, thereby providing a consistent connection interface for the customer.

Features
   Integrated LO Amplifi er: 0 dBm Input
   Sub-Harmonically Pumped (x2) LO
   High 2LO/RF Isolation: >45 dB
   Wide IF Bandwidth: DC - 3.5 GHz
   No External Matching Required
   RoHS Compliant 3x3mm Ceramic SMT Package

Typical Applications
The HMC258LC3B is ideal for:
• Point to Point Radios
• VSAT and SATCOM
• Test & Measurement Equipment
• Military & Space




Similar Part No. - HMC258LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC258LC3B HITTITE-HMC258LC3B Datasheet
195Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC258LC3B HITTITE-HMC258LC3B_09 Datasheet
195Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
More results


Similar Description - HMC258LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC258LC3B HITTITE-HMC258LC3B_09 Datasheet
195Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC258LM3 HITTITE-HMC258LM3_08 Datasheet
223Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com