Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM5145-Q1 Datasheet PDF - Texas Instruments
Part # LM5145-Q1
Download  LM5145-Q1 Download
File Size   1317.61 Kbytes
Page   14 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5137F-Q1 Automotive, 4V to 80V, 100% Duty Cycle Capable, Dual-Channel Synchronous Buck Controller Family for Functional Safety Applications

LM5145-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5145-Q1 Datasheet PDF - Texas Instruments

Part # LM5145-Q1
Download  LM5145-Q1 Click to download

File Size   1317.61 Kbytes
Page   14 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM5137F-Q1 Automotive, 4V to 80V, 100% Duty Cycle Capable, Dual-Channel Synchronous Buck Controller Family for Functional Safety Applications

LM5145-Q1 Datasheet (HTML) - Texas Instruments


LM5145-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature
• Functional Safety-Compliant targeted
– Developed for functional safety applications
• Three orderable part numbers for Capable,
ASIL B, and ASIL D options
– Documentation available to aid ISO 26262
system design up to ASIL D will be available
upon production release
– Systematic capability up to ASIL D targeted
– Hardware integrity up to ASIL D targeted
• Versatile dual synchronous buck DC/DC controller
– 1% accurate, fixed 3.3V, 5V, 12V, or adjustable
outputs from 0.8V to 60V
– Current monitor output for each channel
– Charge-pump gate drivers for 100% duty cycle
– No-load sleep current of 12.7μA (typical)
– Internal hiccup-mode overcurrent protection
• Two interleaved synchronous buck channels
– Dual channel or single-output multiphase
– Stackable up to four phases
• Designed for ultra-low EMI requirements
– Dual Random Spread Spectrum (DRSS)
– Switching frequency from 100kHz to 2.5MHz
• VQFN-36 package with wettable flanks
• Create a custom design using the LM5137F-Q1
with WEBENCH® Power Designer

2 Applications
• Automotive electronic systems
• Infotainment systems, instrument clusters, ADAS
• High-voltage battery-operated systems

3 Description
The LM5137F-Q1 is an 80V dual-channel buck
controller offered frrom a family with three options for
functional safety: Capable, ASIL B, or ASIL D. The
device uses an interleaved, stackable, peak currentmode
architecture for easy loop compensation, fast
transient response, excellent load and line regulation,
and accurate current sharing with paralleled phases
for high output current. A high-side switch minimum
on-time of 15ns facilitates large step-down ratios,
enabling the direct conversion from 12V, 24V or 48V
automotive inputs to low-voltage rails for reduced
system design cost and complexity. The LM5137F-Q1
continues operating during input voltage dips as low
as 4V, at 100% duty cycle if needed.




Similar Part No. - LM5145-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
5Mb / 53P
LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM5145-Q1 TI1-LM5145-Q1 Datasheet
5Mb / 67P
LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5145-Q1 TI1-LM5145-Q1 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
REVISED FEBRUARY 2023
LM5145-Q1 TI-LM5145-Q1 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results


Similar Description - LM5145-Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430_16 Datasheet
404Kb / 10P
Duty Cycle Step?륞own Synchronous Regulator for Automotive
June, 2016 ??Rev. 0
logo
Texas Instruments
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5143A-Q1 TI-LM5143A-Q1 Datasheet
3Mb / 69P
LM5143A-Q1 Automotive 3.5-V to 65-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Renesas Technology Corp
ISL81802 RENESAS-ISL81802 Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81805 RENESAS-ISL81805 Datasheet
1Mb / 45P
80V Dual Synchronous Boost Controller
Feb 11, 2022
ISL81806 RENESAS-ISL81806 Datasheet
943Kb / 42P
80V Dual Synchronous Buck Controller Optimized to Drive E-mode GaN FET
Jan 28, 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com