Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541SD/N2 Datasheet (PDF) - NXP Semiconductors

TDF8541SD/N2 Datasheet PDF - NXP Semiconductors
Part # TDF8541SD/N2
Download  TDF8541SD/N2 Download
File Size   1537.46 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I 2C-bus controlled 4 x 45 W power amplifier

TDF8541SD/N2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDF8541SD/N2 Datasheet PDF - NXP Semiconductors

Part # TDF8541SD/N2
Download  TDF8541SD/N2 Click to download

File Size   1537.46 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I 2C-bus controlled 4 x 45 W power amplifier

TDF8541SD/N2 Datasheet (HTML) - NXP Semiconductors


TDF8541SD/N2 Product details

General description
The TDF8541 is one of a new generation of complementary quad Bridge-Tied Load (BTL)
audio power amplifiers intended for automotive applications. It has full I2C-bus controlled
diagnostics, including start-up diagnostics. The TDF8541 can operate at a battery voltage
as low as 6 V making this amplifier suitable for stop/start-car operation.
The amplifier uses a complementary DMOS output stage in a Silicon-On-Insulator (SOI)-
based BCD process. The DMOS output stage ensures a high power output signal with
perfect sound quality. The SOI-based BCD process ensures a robust amplifier, where
latch-up cannot occur, with good separation between the four independent channels, with
every component isolated and without substrate currents.

Features and benefits
Stop/start-car prepared: keeps operating without audible disturbance during engine
start at a battery voltage as low as 6 V
Operates in either legacy (non I2C-bus) or I2C-bus modes (3.3 V and 5 V compliant)
Four hardware-programmable I2C-bus addresses
Can drive 2  and 4  loads
Speaker fault detection
Start-up diagnostics with load detection: open, short, present; filtered for door-slam
and chatter relays
AC load (tweeter) detection with low and high current mode
Gain select after start-up without audible disturbance
Independent selectable soft mute of front and rear channels
Programmable gain (26 dB and 16 dB), independently programmable for the front and
rear channels
Line driver mode supports engine start at a battery voltage as low as 6 V (16 dB and
mid-tap voltage 0.25VP)
Programmable clip detect: 2 %, 5 % or 10 %
Programmable thermal pre-warning
Pin STB can be programmed/multiplexed with second-clip detect
Clip information of each channel can be directed separately to pin DIAG or pin STB
Independent enabling of thermal- , clip- or load fault information (short across the load
or to VP or to ground) on pin DIAG
Loss-of-ground and open VP safe (minimum series resistance required)
All amplifier outputs short-circuit proof to ground, supply voltage and across the load
(channel independent)
All pins short-circuit proof to ground




Similar Part No. - TDF8541SD/N2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
More results


Similar Description - TDF8541SD/N2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
NXP Semiconductors
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
NXP Semiconductors
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com