Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK401-080 Datasheet (PDF) - Sanyo Semicon Device

STK401-080 Datasheet PDF - Sanyo Semicon Device
Part # STK401-080
Download  STK401-080 Download
File Size   256.83 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???

STK401-080 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK401-080 Datasheet PDF - Sanyo Semicon Device

Part # STK401-080
Download  STK401-080 Click to download

File Size   256.83 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???

STK401-080 Datasheet (HTML) - Sanyo Semicon Device


STK401-080 Product details

Overview
The STK400-030 is a 3-channel AF power amplifier IC supporting multichannel speakers. One package includes 20W×3ch for Lch, Rch and Cch. It is pin compatible with both 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series). The output load impedance is 6/3Ω.

Features
• New series combining 3-channel output devices (STK400-*00 series) and 2-channel output devices (STK401-*00 series) with the same pin compatibility.
• Output load impedance is 6/3Ω.
• Pin assignment is grouped into individual blocks of inputs, outputs and supply lines, minimizing the adverse effects of pattern layout on operating characteristics.
• Minimum number of external components required.




Similar Part No. - STK401-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-080 SANYO-STK401-080 Datasheet
184Kb / 7P
3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-080 SANYO-STK401-080 Datasheet
403Kb / 10P
3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-080 SANYO-STK401-080 Datasheet
183Kb / 6P
AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
334Kb / 9P
AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W min, THD = 0.4%)
STK401-080 SANYO-STK401-080 Datasheet
532Kb / 9P
AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
More results


Similar Description - STK401-080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK4024II SANYO-STK4024II Datasheet
103Kb / 4P
AF Power Amplifier (Split Power Supply) (20 W min, THD = 0.4%)?
STK4026II SANYO-STK4026II Datasheet
110Kb / 4P
AF Power Amplifier (Split Power Supply) (25 W min, THD = 0.4%)???
STK4028II SANYO-STK4028II Datasheet
113Kb / 4P
AF Power Amplifier (Split Power Supply) (30 W min, THD = 0.4%)???
STK4034X SANYO-STK4034X Datasheet
45Kb / 3P
AF Power Amplifier (Split Power Supply) (45 W min, THD = 0.008%)
STK4038II SANYO-STK4038II Datasheet
47Kb / 3P
AF Power Amplifier (Split Power Supply) (60 W min, THD = 0.4%)?
STK4042II SANYO-STK4042II Datasheet
48Kb / 3P
AF Power Amplifier (Split Power Supply) (80 W min, THD = 0.4%)?
STK4044II SANYO-STK4044II Datasheet
63Kb / 3P
AF Power Amplifier (Split Power Supply) (100 W min, THD = 0.4%)?
STK4048II SANYO-STK4048II Datasheet
66Kb / 3P
AF Power Amplifier (Split Power Supply) (150 W min, THD = 0.4%)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com