Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070 Datasheet (PDF) - Active-Semi, Inc

ACT4070 Datasheet PDF - Active-Semi, Inc
Part # ACT4070
Download  ACT4070 Download
File Size   590.37 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide Input 3A Step Down Converter

ACT4070 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4070 Datasheet PDF - Active-Semi, Inc

Part # ACT4070
Download  ACT4070 Click to download

File Size   590.37 Kbytes
Page   10 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide Input 3A Step Down Converter

ACT4070 Datasheet (HTML) - Active-Semi, Inc


ACT4070 Product details

GENERAL DESCRIPTION

The  ACT4070  is  a  current-mode  step-down DC/DC converter that  generates up  to 3A output current  at  400kHz  switching  frequency.  The device  utilizes  Active- Semi’s  proprietary ISOBCD30  process  for  operation  with  input voltage up to 30V. Consuming  only  6μA  in  shutdown  mode,  the ACT4070 is highly efficient with peak efficiency at 95%  when  in  operation.  Protection  features include  cycle-by-cycle  current  limit,  thermal shutdown, and frequency fold back at short circuit. The  device  also  includes  an  internal  soft  start function to prevent overshoot.



FEATURES

3A Output Current

Up to 95% Efficiency

4.5V to 30V Input Range

6µA Shutdown Supply Current

400kHz Switching Frequency

Adjustable Output Voltage

Cycle-by-Cycle Current Limit Protection

Thermal Shutdown Protection

Internal Soft Start Function

Frequency Fold Back at Short Circuit

Stability with Wide Range of Capacitors,

Including Low ESR Ceramic Capacitors

SOP-8/EP (Exposed Pad) Package




Similar Part No. - ACT4070

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
ACT4070BYH ACTIVE-SEMI-ACT4070BYH Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
ACT4070BYH-T ACTIVE-SEMI-ACT4070BYH-T Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
ACT4070YH ACTIVE-SEMI-ACT4070YH Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
More results


Similar Description - ACT4070

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
13.2V Input, 3A Step-Down Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com