Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070BYH Datasheet (PDF) - Active-Semi, Inc

ACT4070BYH Datasheet PDF - Active-Semi, Inc
Part # ACT4070BYH
Download  ACT4070BYH Download
File Size   303.46 Kbytes
Page   9 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide Input 3A Step Down Converter

ACT4070BYH Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT4070BYH Datasheet PDF - Active-Semi, Inc

Part # ACT4070BYH
Download  ACT4070BYH Click to download

File Size   303.46 Kbytes
Page   9 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Wide Input 3A Step Down Converter

ACT4070BYH Datasheet (HTML) - Active-Semi, Inc


ACT4070BYH Product details

GENERAL DESCRIPTION

ACT4070B is a wide input voltage step-down DC/DC converter that provides up to 3A output current at 300kHz switching frequency. ACT4070B is a replacement part for ACT4070 with advanced features such as lower standby current and higher light load efficiency. ACT4070B can be dropped into ACT4070 socket with only feedback resistance value changed.



FEATURES

• 3A Output Current

• Up to 95% Efficiency

• 6.5V to 30V Input Range

• 100µA Shutdown Supply Current

• 4mA Standby Input Current

• 300kHz Switching Frequency

• Output Voltage Up to 12V

• Cycle-by-Cycle Current Limit Protection

• Thermal Shutdown Protection

• Internal Soft Start Function

• Frequency Fold Back at Short Circuit

• Stability with Wide Range of Capacitors

• Including Low ESR Ceramic Capacitors

• SOP-8/EP (Exposed Pad) Package



APPLICATIONS

• TFT LCD Monitors or Televisions and HDTV

• Portable DVD Players

• Car-Powered or Battery-Powered Equipment

• Set-Top Boxes

• Telecom Power Supplies

• DSL and Cable Modems and Routers




Similar Part No. - ACT4070BYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070YH ACTIVE-SEMI-ACT4070YH Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4070YH ACTIVE-SEMI-ACT4070YH Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070YH-T ACTIVE-SEMI-ACT4070YH-T Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
More results


Similar Description - ACT4070BYH

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
logo
Advanced Analogic Techn...
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
13.2V Input, 3A Step-Down Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
WIDE INPUT 3A STEP-DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A ACTIVE-SEMI-ACT4060A Datasheet
259Kb / 11P
Wide Input 2A Step Down Converter
Rev 0, 28-Apr-09
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com