Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7841AS Datasheet (PDF) - Analog Devices

AD7841AS Datasheet PDF - Analog Devices
Part # AD7841AS
Download  AD7841AS Download
File Size   167.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal 14-Bit, Parallel Input, Voltage-Output DAC

AD7841AS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7841AS Datasheet PDF - Analog Devices

Part # AD7841AS
Download  AD7841AS Click to download

File Size   167.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal 14-Bit, Parallel Input, Voltage-Output DAC

AD7841AS Datasheet (HTML) - Analog Devices


AD7841AS Product details

GENERAL DESCRIPTION
The AD7841 contains eight 14-bit DACs on one monolithic chip. It has output voltages with a full-scale range of ±10 V from reference voltages of ±5 V.

FEATURES
    Eight 14-Bit DACs in One Package
    Voltage Outputs
    Offset Adjust for Each DAC Pair
    Reference Range of ±5 V
    Maximum Output Voltage Range of ±10 V
    ±15 V ± 10% Operation
    Clear Function to User-Defined Voltage
    44-Lead MQFP Package

APPLICATIONS
    Automatic Test Equipment
    Process Control
    General Purpose Instrumentation




Similar Part No. - AD7841AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841ASZ-REEL AD-AD7841ASZ-REEL Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results


Similar Description - AD7841AS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
12-bit Parallel Input Voltage Output DAC
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7841BSZ AD-AD7841BSZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com