Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5400 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT5400 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT5400
Download  SPT5400 Download
File Size   156.09 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE

SPT5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT5400 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT5400
Download  SPT5400 Click to download

File Size   156.09 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE

SPT5400 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT5400 Product details

DESCRIPTION
The SPT5400 has eight 13-bit voltage output digital-to-analog converters on one chip. It operates from ±5 V power supplies and has maximum voltage output swings of up to ±4.5 V without the addition of external components. Novel circuit topology allows for a guaranteed monotonicity of 13 bits without the need for additional circuitry. The SPT5400 has four separate reference voltage inputs, one for each pair of DACs. Four separate analog ground pins allow for separate offset voltages for each DAC pair. Each DAC can be asynchronously loaded through a common 13-bit bus into a double-buffered set of latches. All logic inputs are TTL/CMOS compatible.
The SPT5400 is available in a 44-lead PLCC package over the commercial temperature range of 0 °C to +70 °C.

FEATURES
• Full 13-bit performance without external adjustments
• Eight DACs in one package
• Buffered voltage outputs
• Guaranteed monotonic to 13 bits
• Unipolar or bipolar output swing to ±4.5 V
• Output settling time of 7 µs to ±1/2 LSB
• Double-buffered digital inputs

APPLICATIONS
• Automatic test equipment
• Flat-panel displays
• Arbitrary function generators
• Instrumentation
• Process control




Similar Part No. - SPT5400

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
SPT5400SCP FAIRCHILD-SPT5400SCP Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
More results


Similar Description - SPT5400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com