Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5270 Datasheet (PDF) - Maxim Integrated Products

MAX5270 Datasheet PDF - Maxim Integrated Products
Part # MAX5270
Download  MAX5270 Download
File Size   251.41 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal, 13-Bit Voltage-Output DAC with Parallel Interface

MAX5270 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5270 Datasheet PDF - Maxim Integrated Products

Part # MAX5270
Download  MAX5270 Click to download

File Size   251.41 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal, 13-Bit Voltage-Output DAC with Parallel Interface

MAX5270 Datasheet (HTML) - Maxim Integrated Products


MAX5270 Product details

General Description

The MAX5270 contains eight 13-bit, voltage-output digital-to-analog converters (DACs). On-chip precision output amplifiers provide the voltage outputs. The device operates from +12V/-12V supplies. Its output voltage swing ranges from 0V to +8.192V and is achieved with no external components. The MAX5270 has three pairs of differential reference inputs; two of these pairs are connected to two DACs each, and a third pair is connected to four DACs. The references are independently controlled, providing different full-scale output voltages to the respective DACs. The MAX5270 operates within the following voltage ranges: VDD = +11.4V to +12.6V, VSS = -11.4V to -12.6V, and VCC = +4.75V to +5.25V.



Features

♦ Full 13-Bit Performance Without Adjustments

♦ Eight DACs in a Single Package

♦ Buffered Voltage Outputs

♦ Voltage Swing Between 0 and +8.192V

♦ 22µs Output Settling Time

♦ Drives up to 10,000pF Capacitive Load

♦ 30mV Low Output Glitch

♦ Low Power Consumption: 10mA (typ)

♦ Small 44-Pin MQFP Package

♦ Double-Buffered Digital Inputs

♦ Asynchronous Load Updates All DACs Simultaneously

♦ Asynchronous CLR Forces All DACs to DUTGND Potential



Applications

  Industrial Process Controls

  Arbitrary Function Generators

  Avionics Equipment

  Minimum Component Count Analog Systems

  Digital Offset/Gain Adjustment

  SONET Applications

  Automatic Test Equipment (ATE)



 




Similar Part No. - MAX5270

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX527 MAXIM-MAX527 Datasheet
625Kb / 16P
Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CCNG MAXIM-MAX527CCNG Datasheet
625Kb / 16P
Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CCWG MAXIM-MAX527CCWG Datasheet
625Kb / 16P
Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CENG MAXIM-MAX527CENG Datasheet
625Kb / 16P
Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX527CEWG MAXIM-MAX527CEWG Datasheet
625Kb / 16P
Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
More results


Similar Description - MAX5270

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com