Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT5400 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT5400
Description  13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5400 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT5400 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5400 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
5/15/00
SPT5400
TEST LEVEL CODES
All electrical characteristics are subject
to the following conditions:
All parameters having min/max specifi-
cations are guaranteed. The Test Level
column indicates the specific device
testing actually performed during pro-
duction and Quality Assurance inspec-
tion. Any blank section in the data
column indicates that the specification
is not tested at the specified condition.
TEST LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteriza-
tion data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed over
specified temperature range.
Figure 1 – Timing Diagram
t5
t1
t6
t2
t9
t10
t7
t8
t4
t3
A0–A2
D0–D12
LD
CS
WR
NOTES:
1. All input rise and fall times
are measured from 10% to
90% of +5 V. tR = tF = 5 ns.
2. If LD is activated while WR is
low, LD must stay low for t3 or
longer after WR goes high.
Table I – Timing Parameters
PARAMETER
SYMBOL
MIN TYP MAX
UNIT
CS
Pulse Width Low
t1
50
ns
WR
Pulse Width Low
t2
50
ns
LD
Pulse Width Low
t3
50
ns
CLR
Pulse Width Low
t4
100
ns
CS
to WR Low
t5
0ns
CS
High to WR High
t6
0ns
Data Valid to WR Setup
t7
20
ns
Data Valid to WR Hold
t8
0ns
Address Valid to WR Setup
t9
10
ns
Address Valid to WR Hold
t10
0ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com