Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8052 Datasheet (PDF) - Analog Devices

ADMV8052 Datasheet PDF - Analog Devices
Part # ADMV8052
Download  ADMV8052 Download
File Size   3108.65 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz to 520 MHz, Digitally Tunable Band-Pass Filter

ADMV8052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV8052 Datasheet PDF - Analog Devices

Part # ADMV8052
Download  ADMV8052 Click to download

File Size   3108.65 Kbytes
Page   66 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 MHz to 520 MHz, Digitally Tunable Band-Pass Filter

ADMV8052 Datasheet (HTML) - Analog Devices


ADMV8052 Product details

FEATURES
► Digitally tunable, multioctave, band-pass tuning
► 3 dB bandwidth: 9% ± 2%
► Low insertion loss: <4.5 dB typical
► Excellent rejection: 20 dB at 25% away from the fCENTER
► Great linearity (IP3): 40 dBm typical
► Single chip replacement for discrete solutions
► 32-terminal LGA

APPLICATIONS
► Land mobile radio
► Test and measurement equipment
► Military radar and electronic warfare and electronic countermeasures
► Satellite communications
► Industrial and medical equipment

GENERAL DESCRIPTION
The ADMV80521
is a RF filter that features a digitally selectable
frequency of operation. The device has three band-pass filters
(BPFs) that span across three specified bands from 30 MHz to 520
MHz.
The center frequency (fCENTER) of operation can be adjusted using
an 8-bit value (256 states) that incorporates a patented interpolation
technique. The typical bandwidth (3 dB) is 9% and adjustability
is ±2%. The insertion loss is typically less than 4.5 dB and the
rejection is 20 dB at 25% away from the fCENTER, which is ideally
suited for minimizing system harmonics. Additionally, the flexible
architecture incorporates a bypass configuration with a low insertion
loss of <1 dB.
This tunable filter can be used as a smaller alternative to large
switched filter banks and cavity tuned filters, and this device provides a dynamically adjustable solution in advanced communications applications.




Similar Part No. - ADMV8052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416-EVALZ AD-ADMV8416-EVALZ Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416ACPZ AD-ADMV8416ACPZ Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8416ACPZ-R5 AD-ADMV8416ACPZ-R5 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
More results


Similar Description - ADMV8052

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
2450BP14E0100 JOHANSON-2450BP14E0100 Datasheet
125Kb / 2P
2450 MHz Band Pass Filter
2450BP15E0100 JOHANSON-2450BP15E0100 Datasheet
129Kb / 2P
2450 MHz Band Pass Filter
logo
Hittite Microwave Corpo...
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
Tunable Band Pass Filter
logo
Johanson Technology Inc...
1810BP07B200T JOHANSON-1810BP07B200T Datasheet
215Kb / 3P
1810 MHz Band Pass Filter
logo
Analog Devices
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8913-EP AD-ADMV8913-EP Datasheet
521Kb / 23P
X Band, Digitally Tunable, High-Pass Filter and Low-Pass Filter
Rev. 0
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
ADMV8505 AD-ADMV8505 Datasheet
1Mb / 31P
225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com