Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16166 Datasheet (PDF) - Analog Devices

MAX16166 Datasheet PDF - Analog Devices
Part # MAX16166
Download  MAX16166 Download
File Size   1099.62 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Highly Integrated, 4-Channel Sequencer and Supervisor

MAX16166 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16166 Datasheet PDF - Analog Devices

Part # MAX16166
Download  MAX16166 Click to download

File Size   1099.62 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Highly Integrated, 4-Channel Sequencer and Supervisor

MAX16166 Datasheet (HTML) - Analog Devices


MAX16166 Product details

General Description
The MAX16165/MAX16166 monitor up to five voltages
and sequence up to four voltages. These devices
provide an adjustable delay as each supply is turned on
as well as monitor each power-supply voltage, including
the input voltage VDD.
The MAX16165/MAX16166 operate from a supply range
of 2.7V to 16V and have an internal regulator output
(ABP), power internal circuits, and supply more than
1mA additional current to any external circuitry.
The sequencing is enabled by two inputs, ON and OFF.
A rising edge on the ON input initiates power-on
sequencing of the channels whereas a falling edge on
OFF input initiates power-off sequencing. During the
power-on sequencing, when all of the voltages reach
their final values, a sequencing done output DONE
asserts high followed by a Power-OK (POK) output after
the reset delay timer has expired, allowing the
microcontroller (μC) to operate. If any voltage falls below
its threshold, the reset output asserts and all voltage
supplies are turned off. When the sequencer initiates a
power-off sequencing, the MAX16165/MAX16166 can
reverse sequence the outputs.
Output options available are open-drain (MAX16165)
and push-pull (MAX16166). The MAX16165/MAX16166
can be daisy-chained unlimited amount to time to control
any number of voltages in a system.
The MAX16165/MAX16166 feature a bidirectional active
low FAULT input/output, which asserts low during any
fault condition. FAULT stays low as long as an
undervoltage event is present at UVSET Input and it is a
one-shot output during all other FAULT conditions. An
external signal pulling FAULT low disables all outputs
immediately. The MAX16165/MAX16166 are available
in a 1.63mm x 2.03mm, 20-bump Wafer-Level Package
(WLP) and a 4mm x 4mm, 20L TQFN package. The
device is fully specified over the -40°C to +125°C
operating temperature range.

Applications
• Latch-Up Prevention and Inrush Current Protection
in Multi-Supply Systems
• FPGA/ASIC Power Supply Sequencing
• Servers and Security Cameras
• Test Equipment
• Networking Equipment
• Industrial Sensors and Motor Controls

Benefits and Features
• 2.7V to 16.0V Wide Operating Voltage Range
• Monitor Up to Five Voltages
• Sequence Up to Four Voltages
• Power-Off in Reverse Order or Simultaneously
• Unlimited Daisy-Chain
• Capacitor-Adjustable Sequencing Delay
• Capacitor-Adjustable Power-Good Timeout
• Resistor-Configurable Power-Supply On and
Off Thresholds
• Open-Drain (MAX16165)/Push-Pull (MAX16166)
Outputs
• POK Output for System Microcontroller Reset
• Bidirectional FAULT Input/Output
• 4 x 5-Bump WLP and 20L TQFN Package
• -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX16166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16163A----+T MAXIM-MAX16163A----+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16163ANT0D+T MAXIM-MAX16163ANT0D+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16164A----+T MAXIM-MAX16164A----+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16164ANT0D+T MAXIM-MAX16164ANT0D+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Similar Description - MAX16166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066 AD-ADM1066 Datasheet
861Kb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
10/04-Revision 0
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
logo
Linear Technology
LTC2928 LINER-LTC2928 Datasheet
5Mb / 32P
Multichannel Power Supply Sequencer and Supervisor
logo
Linear Dimensions Semic...
LTC2928IUHF-TRPBF LINEAR_DIMENSIONS-LTC2928IUHF-TRPBF Datasheet
329Kb / 32P
Multichannel Power Supply Sequencer and Supervisor
logo
Analog Devices
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
logo
Linear Technology
LTC2928 LINER-LTC2928_15 Datasheet
417Kb / 34P
Multichannel Power Supply Sequencer and Supervisor
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Hotchip Technology Co.,...
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
Highly integrated and minimal peripheral components
logo
Shenzhen X-Powers Techn...
AC108 XPOWER-AC108 Datasheet
179Kb / 3P
Highly Integrated Quad-channel ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com