Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1066 Datasheet (PDF) - Analog Devices

ADM1066 Datasheet PDF - Analog Devices
Part # ADM1066
Download  ADM1066 Download
File Size   861.78 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs

ADM1066 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1066 Datasheet PDF - Analog Devices

Part # ADM1066
Download  ADM1066 Click to download

File Size   861.78 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs

ADM1066 Datasheet (HTML) - Analog Devices


ADM1066 Product details

GENERAL DESCRIPTION
The ADM1066 Super Sequencer® is a configurable supervisory/sequencing device that offers a single-chip solution for supply monitoring and sequencing in multiple-supply systems. In addition to these functions, the ADM1066 integrates a 12-bit ADC and six 8-bit voltage output DACs. These circuits can be used to implement a closed-loop margining system that enables supply adjustment by altering either the feedback node or reference of a dc-to-dc converter using the DAC outputs.

FEATURES
   Complete supervisory and sequencing solution for up to
      10 supplies
   10 supply fault detectors enable supervision of supplies to
      <0.5% accuracy at all voltages at 25°C
      <1.0% accuracy across all voltages and temperatures
   5 selectable input attenuators allow supervision of supplies to
      14.4 V on VH
      6 V on VP1 to VP4 (VPx)
   5 dual-function inputs, VX1 to VX5 (VXx)
      High impedance input to supply fault detector with
         thresholds between 0.573 V and 1.375 V
      General-purpose logic input
   10 programmable driver outputs, PDO1 to PDO10 (PDOx)
      Open-collector with external pull-up
      Push/pull output, driven to VDDCAP or VPx
      Open collector with weak pull-up to VDDCAP or VPx
      Internally charge-pumped high drive for use with external
         N-FET (PDO1 to PDO6 only)
   Sequencing engine (SE) implements state machine control of
      PDO outputs
      State changes conditional on input events
      Enables complex control of boards
      Power-up and power-down sequence control
      Fault event handling
      Interrupt generation on warnings
      Watchdog function can be integrated in SE
      Program software control of sequencing through SMBus
   Complete voltage-margining solution for 6 voltage rails
   6 voltage output 8-bit DACs (0.300 V to 1.551 V) allow voltage
      adjustment via dc-to-dc converter trim/feedback node
   12-bit ADC for readback of all supervised voltages
   2 auxiliary (single-ended) ADC inputs
   Reference input (REFIN) has 2 input options
      Driven directly from 2.048 V (±0.25%) REFOUT pin
      More accurate external reference for improved ADC
         performance
   Device powered by the highest of VPx, VH for improved
      redundancy
   User EEPROM: 256 bytes
   Industry-standard 2-wire bus interface (SMBus)
   Guaranteed PDO low with VH, VPx = 1.2 V
   Available in 40-lead, 6 mm × 6 mm LFCSP and
      48-lead, 7 mm × 7 mm TQFP packages

APPLICATIONS
   Central office systems
   Servers/routers
   Multivoltage system line cards
   DSP/FPGA supply sequencing
   In-circuit testing of margined supplies




Similar Part No. - ADM1066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL AD-ADM1066ACPZ-REEL Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL7 AD-ADM1066ACPZ-REEL7 Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ AD-ADM1066ASUZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL AD-ADM1066ASUZ-REEL Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results


Similar Description - ADM1066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com