Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1066 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1066
Description  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066 Datasheet(HTML) 1 Page - Analog Devices

  ADM1066 Datasheet HTML 1Page - Analog Devices ADM1066 Datasheet HTML 2Page - Analog Devices ADM1066 Datasheet HTML 3Page - Analog Devices ADM1066 Datasheet HTML 4Page - Analog Devices ADM1066 Datasheet HTML 5Page - Analog Devices ADM1066 Datasheet HTML 6Page - Analog Devices ADM1066 Datasheet HTML 7Page - Analog Devices ADM1066 Datasheet HTML 8Page - Analog Devices ADM1066 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Super Sequencer™ with Margining Control
and Auxiliary ADC Inputs
ADM1066
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Complete supervisory and sequencing solution for up to
10 supplies
10 supply fault detectors enable supervision of supplies to
better than 1% accuracy
5 selectable input attenuators allow supervision:
Supplies up to 14.4 V on VH
Supplies up to 6 V on VP1–4
5 dual-function inputs, VX1–5:
High impedance input to supply fault detector with
thresholds between 0.573 V and 1.375 V
General-purpose logic input
10 programmable output drivers (PDO1–10):
Open collector with external pull-up
Push/pull output, driven to VDDCAP or VPn
Open collector with weak pull-up to VDDCAP or VPn
Internally charge-pumped high drive for use with external
N-FET (PDO1–6 only)
Sequencing engine (SE) implements state machine control of
PDO outputs:
State changes conditional on input events
Enables complex control of boards
Power-up and power-down sequence control
Fault event handling
Interrupt generation on warnings
Watchdog function can be integrated in SE
Program software control of sequencing through SMBus
Complete voltage margining solution for 6 voltage rails
6 voltage output 8-bit DACs (0.300 V to 1.551 V) allow
voltage adjustment via dc/dc converter trim/feedback
node
12-bit ADC for readback of all supervised voltages
2 auxiliary (single-ended) ADC inputs
Reference input, REFIN, has 2 input options:
Driven directly from 2.048V (±0.25%) REFOUT pin
More accurate external reference for improved ADC
performance
Device powered by the highest of VP1–4, VH for improved
redundancy
User EEPROM: 256 bytes
Industry-standard 2-wire bus interface (SMBus)
Guaranteed PDO low with VH, VPn = 1.2 V
40-lead 6 mm × 6 mm LFCSP and
48-lead 7 mm × 7 mm TQFP packages
FUNCTIONAL BLOCK DIAGRAM
PDO7
PDO8
PDO9
PDO10
PDOGND
VDDCAP
VDD
ARBITRATOR
DAC1
VOUT
DAC
DAC2
VOUT
DAC
DAC3
VOUT
DAC
DAC4
VOUT
DAC
DAC5
VOUT
DAC
DAC6
VOUT
DAC
GND
VX1
VX2
VX3
VX4
VX5
VP1
VP2
VP3
VP4
VH
AGND
PROGRAMMABLE
RESET
GENERATORS
(SFDs)
DUAL-
FUNCTION
INPUTS
(LOGIC INPUTS
OR
SFDs)
SEQUENCING
ENGINE
CONFIGURABLE
OUTPUT
DRIVERS
(HV CAPABLE
OF DRIVING
GATES OF
N-CHANNEL FET)
CONFIGURABLE
OUTPUT
DRIVERS
(LV CAPABLE
OF DRIVING
LOGIC SIGNALS)
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
SDA SCL
A1
A0
SMBus
INTERFACE
REFOUT
REFIN
AUX2
AUX1
REFGND
VREF
12-BIT
SAR ADC
EEPROM
CLOSED-LOOP
MARGINING SYSTEM
ADM1066
Figure 1.
APPLICATIONS
Central office systems
Servers/routers
Multivoltage system line cards
DSP/FPGA supply sequencing
In-circuit testing of margined supplies
GENERAL DESCRIPTION
The ADM1066 is a configurable supervisory/sequencing device
that offers a single-chip solution for supply monitoring and
sequencing in multiple supply systems. In addition to these
functions, the ADM1066 integrates a 12-bit ADC and six 8-bit
voltage output DACs. These circuits can be used to implement a
closed-loop margining system, which enables supply adjustment
by altering either the feedback node or reference of a dc/dc
converter using the DAC outputs.
(continued on Page 3)


Similar Part No. - ADM1066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL AD-ADM1066ACPZ-REEL Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ACPZ-REEL7 AD-ADM1066ACPZ-REEL7 Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ AD-ADM1066ASUZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL AD-ADM1066ASUZ-REEL Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results

Similar Description - ADM1066

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
Super Sequencer with Margining Control and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
Super Sequencer with Margining Control
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com