Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1066 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1066
Description  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1066 Datasheet HTML 17Page - Analog Devices ADM1066 Datasheet HTML 18Page - Analog Devices ADM1066 Datasheet HTML 19Page - Analog Devices ADM1066 Datasheet HTML 20Page - Analog Devices ADM1066 Datasheet HTML 21Page - Analog Devices ADM1066 Datasheet HTML 22Page - Analog Devices ADM1066 Datasheet HTML 23Page - Analog Devices ADM1066 Datasheet HTML 24Page - Analog Devices ADM1066 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADM1066
Rev. 0 | Page 21 of 32
SUPPLY MARGINING
OVERVIEW
It is often necessary for the system designer to adjust supplies,
either to optimize their level or force them away from nominal
values to characterize the system performance under these
conditions. This is a function typically performed during an in-
circuit test (ICT), such as when the manufacturer, for example,
wants to guarantee that the product under test functions
correctly at nominal supplies minus 10%.
OPEN-LOOP MARGINING
The simplest method of margining a supply is to implement an
open-loop technique. A popular method for this is to switch
extra resistors into the feedback node of a power module, such
as a dc/dc converter or low dropout regulator (LDO). The extra
resistor alters the voltage at the feedback or trim node and
forces the output voltage to margin up or down by a certain
amount.
The ADM1066 can perform open-loop margining for up to six
supplies. The six on-board voltage DACs (DAC1–6) can drive
into the feedback pins of the power modules to be margined.
The simplest circuit to implement this function is an attenua-
tion resistor, which connects the DACn pin to the feedback
node of a dc/dc converter. When the DACn output voltage is set
equal to the feedback voltage, no current flows in the attenua-
tion resistor, and the dc/dc output voltage does not change.
Taking DACn above the feedback voltage forces current into the
feedback node, and the output of the dc/dc converter is forced
to fall to compensate for this. The dc/dc output can be forced
high by setting the DACn output voltage lower than the
feedback node voltage. The series resistor can be split in two,
and the node between them decoupled with a capacitor to
ground. This can help to decouple any noise picked up from the
board. Decoupling to a ground local to the dc/dc converter is
recommended.
OUTPUT
DC/DC
CONVERTER
FEEDBACK
GND
ATTENUATION
RESISTOR
PCB
TRACE NOISE
DECOUPLING
CAPACITOR
ADM1066
DACOUTn
VOUT
DAC
µCONTROLLER
VIN
DEVICE
CONTROLLER
(SMBus)
Figure 32. Open-Loop Margining System Using the ADM1066
The ADM1066 can be commanded to margin a supply up or
down over the SMBus by updating the values on the relevant
DAC output.
CLOSED-LOOP SUPPLY MARGINING
A much more accurate and comprehensive method of margin-
ing is to implement a closed-loop system. The voltage on the
rail to be margined can be read back so that the rail can be
accurately margined to the target voltage. The ADM1066
incorporates all the circuits required to do this, with the 12-bit
successive approximation ADC used to read back the level of
the supervised voltages, and the six voltage output DACs,
implemented as described in the Open-Loop Margining section,
used to adjust supply levels. These circuits can be used along
with some other intelligence such as a microcontroller to
implement a closed-loop margining system that allows any
dc/dc or LDO supply to be set to any voltage, accurate to within
±0.5% of the target.
OUTPUT
DC/DC
CONVERTER
FEEDBACK
GND
R1
R2
ATTENUATION
RESISTOR, R3
PCB
TRACE NOISE
DECOUPLING
CAPACITOR
VH/VPn/VXn
ADM1066
DACOUTn
MUX
ADC
DAC
DEVICE
CONTROLLER
(SMBus)
µCONTROLLER
VIN
Figure 33. Closed-Loop Margining System Using the ADM1066
To implement closed-loop margining:
1.
Disable the six DACn outputs.
2.
Set the DAC output voltage equal to the voltage on the
feedback node.
3.
Enable the DAC.
4.
Read the voltage at the dc/dc output, which is connected to
one of the VP1–4, VH, or VX1–5 pins.
5.
If necessary, modify the DACn output code up or down to
adjust the dc/dc output voltage; otherwise, stop, because
the target voltage has been reached.
6.
Set the DAC output voltage to a value that alters the supply
output by the required amount (for example, ±5%).
7.
Repeat from Step 4.
Steps 1 to 3 ensure that when the DACn output buffer is turned
on it has little effect on the dc/dc output. The DAC output buffer
is designed to power up without glitching by first powering up
the buffer to follow the pin voltage. It does not drive out onto
the pin at this time. Once the output buffer is properly enabled,
the buffer input is switched over to the DAC, and the output
stage of the buffer is turned on. Output glitching is negligible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com