Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDWC0151ERH Datasheet (PDF) - MagnaChip Semiconductor.

MDWC0151ERH Datasheet PDF - MagnaChip Semiconductor.
Part # MDWC0151ERH
Download  MDWC0151ERH Download
File Size   576.85 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain Dual N-Channel Trench MOSFET 24V, 22A, 2.8 mΩ

MDWC0151ERH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDWC0151ERH Datasheet PDF - MagnaChip Semiconductor.

Part # MDWC0151ERH
Download  MDWC0151ERH Click to download

File Size   576.85 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain Dual N-Channel Trench MOSFET 24V, 22A, 2.8 mΩ

MDWC0151ERH Datasheet (HTML) - MagnaChip Semiconductor.


MDWC0151ERH Product details

General Description
The MDWC0151ERH uses advanced Magnachip’s
MOSFET Technology, which provides high performance in
on-state resistance and excellent reliability. Excellent low
RSS(ON), low gate charge operation and operation for
Battery Application.

Features
- VSS = 24V
- Source-Source ON Resistance;
RSS(ON) max. 2.8mΩ @ VGS = 4.5V
RSS(ON) max. 3.1mΩ @ VGS = 3.8V
RSS(ON) max. 3.6mΩ @ VGS = 3.1V
RSS(ON) max. 4.6mΩ @ VGS = 2.5V

Applications
- Portable Battery Protection




Similar Part No. - MDWC0151ERH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDWC0337E MGCHIP-MDWC0337E Datasheet
976Kb / 6P
Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
MDWC0337ERH MGCHIP-MDWC0337ERH Datasheet
976Kb / 6P
Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
MDWC0340EBRH MGCHIP-MDWC0340EBRH Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
MDWC0342E MGCHIP-MDWC0342E Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V
Jan. 2021. Rev 1.2
More results


Similar Description - MDWC0151ERH

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF6968A GE-GF6968A Datasheet
152Kb / 5P
Common-Drain Dual N-Channel MOSFET
logo
Renesas Technology Corp
UPA2373T1P RENESAS-UPA2373T1P Datasheet
223Kb / 11P
Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
logo
MagnaChip Semiconductor...
MDCA0338E MGCHIP-MDCA0338E Datasheet
1,017Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
logo
Alpha & Omega Semicondu...
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PKE24DB NIKOSEM-PKE24DB Datasheet
309Kb / 6P
Dual Common Drain N-Channel MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
20 V, Common Drain N-channel Trench MOSFET
logo
Wuxi U-NIKC Semiconduct...
PB554DY UNIKC-PB554DY Datasheet
462Kb / 5P
Dual Common Drain N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOCA36116C AOSMD-AOCA36116C Datasheet
492Kb / 5P
24V Common-Drain Dual N-Channel MOSFET
Rev.1.0: June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com