Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDCA0418E Datasheet (PDF) - MagnaChip Semiconductor.

MDCA0418E Datasheet PDF - MagnaChip Semiconductor.
Part # MDCA0418E
Download  MDCA0418E Download
File Size   653.05 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)

MDCA0418E Datasheet (PDF)

Go To PDF Page Download Datasheet
MDCA0418E Datasheet PDF - MagnaChip Semiconductor.

Part # MDCA0418E
Download  MDCA0418E Click to download

File Size   653.05 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)

MDCA0418E Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDCA0418E

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDCA0338E MGCHIP-MDCA0338E Datasheet
1,017Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)
MDCA0338EURH MGCHIP-MDCA0338EURH Datasheet
1,017Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)
More results


Similar Description - MDCA0418E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMP76-010T IXYS-FMP76-010T Datasheet
112Kb / 4P
Trench P & N-Channel Power MOSFET Common Drain Topology
logo
Renesas Technology Corp
UPA2373T1P RENESAS-UPA2373T1P Datasheet
223Kb / 11P
Dual Drain common, N-channel MOSFET 24V, 6A, 23.0m
logo
MagnaChip Semiconductor...
MDA0336E MGCHIP-MDA0336E Datasheet
673Kb / 5P
Common-Drain N-Channel Trench MOSFET 30V, 9A, 9.5m(ohm)
MDCA0338E MGCHIP-MDCA0338E Datasheet
1,017Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)
MDF7N60 MGCHIP-MDF7N60 Datasheet
745Kb / 6P
N-Channel MOSFET 600V, 7A, 1.15(ohm)
MDP7N60 MGCHIP-MDP7N60 Datasheet
983Kb / 6P
N-Channel MOSFET 600V, 7A, 1.15(ohm)
MDWC0337E MGCHIP-MDWC0337E Datasheet
976Kb / 6P
Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
20 V, Common Drain N-channel Trench MOSFET
logo
Alpha & Omega Semicondu...
AOCA36116C AOSMD-AOCA36116C Datasheet
492Kb / 5P
24V Common-Drain Dual N-Channel MOSFET
Rev.1.0: June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com