Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDA0336E Datasheet (PDF) - MagnaChip Semiconductor.

MDA0336E Datasheet PDF - MagnaChip Semiconductor.
Part # MDA0336E
Download  MDA0336E Download
File Size   673.12 Kbytes
Page   5 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain N-Channel Trench MOSFET 30V, 9A, 9.5m(ohm)

MDA0336E Datasheet (PDF)

Go To PDF Page Download Datasheet
MDA0336E Datasheet PDF - MagnaChip Semiconductor.

Part # MDA0336E
Download  MDA0336E Click to download

File Size   673.12 Kbytes
Page   5 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Common-Drain N-Channel Trench MOSFET 30V, 9A, 9.5m(ohm)

MDA0336E Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDA0336E

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1 COOPER-MDA-1 Datasheet
109Kb / 2P
MDA Series, Time Delay, Ceramic Tube
MDA-1-1/2-R COOPER-MDA-1-1/2-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-1-1/2-R EATON-MDA-1-1/2-R Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1-12 COOPER-MDA-1-12 Datasheet
109Kb / 2P
MDA Series, Time Delay, Ceramic Tube
More results


Similar Description - MDA0336E

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDCA0338E MGCHIP-MDCA0338E Datasheet
1,017Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
MDS1654 MGCHIP-MDS1654 Datasheet
735Kb / 6P
Single N-Channel Trench MOSFET 30V, 15A, 9.5m(ohm)
MDWC0337E MGCHIP-MDWC0337E Datasheet
976Kb / 6P
Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
logo
E-CMOS Corporation
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
30V,9A,N-Channel MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
20 V, Common Drain N-channel Trench MOSFET
logo
Alpha & Omega Semicondu...
AOCA32301 AOSMD-AOCA32301 Datasheet
549Kb / 5P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2020
AOCR32326 AOSMD-AOCR32326 Datasheet
632Kb / 6P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2019
AOCR36330 AOSMD-AOCR36330 Datasheet
413Kb / 5P
30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com