Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet (PDF) - Analog Devices

AD8613 Datasheet PDF - Analog Devices
Part # AD8613
Download  AD8613 Download
File Size   290.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers

AD8613 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8613 Datasheet PDF - Analog Devices

Part # AD8613
Download  AD8613 Click to download

File Size   290.47 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers

AD8613 Datasheet (HTML) - Analog Devices


AD8613 Product details

FEATURES
Offset voltage: 2.2 mV maximum
Low input bias current: 1 pA maximum
Single-supply operation: 1.8 V to 5.5 V Low noise: 22 nV/√Hz
Micropower: 50 μA/amplifier maximum over temperature
No phase reversal Unity gain stable
Qualified for automotive applications
APPLICATIONS
Battery-powered instrumentation
Multipole filters
Current shunt sense
Sensors ADC predrivers DAC drivers/level shifters Low power ASIC input or output amplifiers




Similar Part No. - AD8613

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8613 AD-AD8613 Datasheet
706Kb / 20P
Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
AD8613 AD-AD8613 Datasheet
804Kb / 19P
Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8613 AD-AD8613 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8613AKSZ-R2 AD-AD8613AKSZ-R2 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
More results


Similar Description - AD8613

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
AD8691 AD-AD8691 Datasheet
477Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
3/05-Rev. A to Rev. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com