Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8613
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 5 Page - Analog Devices

  AD8613 Datasheet HTML 1Page - Analog Devices AD8613 Datasheet HTML 2Page - Analog Devices AD8613 Datasheet HTML 3Page - Analog Devices AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8613/AD8617/AD8619
Rev. H | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
VSS − 0.3 V to VDD + 0.3 V
Input Current
±10 mA
Differential Input Voltage
±6 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD AD8613
HBM
±4000 V
FICDM
±1000 V
ESD AD8617
HBM
±3000 V
FICDM
±1000 V
MM
±100 V
ESD AD8619
HBM
±4000 V
FICDM
±1250 V
MM
±200 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Characteristics
Package Type
θJA
θJC
Unit
5-Lead TSOT-23 (UJ-5)
207
61
°C/W
5-Lead SC70 (KS-5)
376
126
°C/W
8-Lead MSOP (RM-8)
210
45
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
8-Lead LFCSP (CP-8-21)
81
20
°C/W
14-Lead SOIC_N (R-14)
120
36
°C/W
14-Lead TSSOP (RU-14)
180
35
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com