Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8613 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8613
Description  Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices AD8613 Datasheet HTML 13Page - Analog Devices AD8613 Datasheet HTML 14Page - Analog Devices AD8613 Datasheet HTML 15Page - Analog Devices AD8613 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD8613/AD8617/AD8619
Rev. H | Page 15 of 16
Figure 43. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8613AKSZ-R2
−40°C to +125°C
5-Lead SC70
KS-5
A0Y
AD8613AKSZ-REEL
−40°C to +125°C
5-Lead SC70
KS-5
A0Y
AD8613AKSZ-REEL7
−40°C to +125°C
5-Lead SC70
KS-5
A0Y
AD8613AUJZ-R2
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0Y
AD8613AUJZ-REEL
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0Y
AD8613AUJZ-REEL7
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0Y
AD8617ACPZ-R2
−40°C to +125°C
8-Lead LFCSP
CP-8-21
A0T
AD8617ACPZ-R7
−40°C to +125°C
8-Lead LFCSP
CP-8-21
A0T
AD8617ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A0T
AD8617ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A0T
AD8617ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8617ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8617ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8617WARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A23
AD8617WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8617WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8619ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8619ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8619ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8619ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8619WARZ-RL
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8619WARZ-R7
−40°C to +125°C
14-Lead SOIC_N
R-14
AD8619WARUZ-R7
−40°C to +125°C
14-Lead TSSOP
RU-14
AD8619WARUZ-RL
−40°C to +125°C
14-Lead TSSOP
RU-14
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
2.54
2.44
2.34
0.50
0.40
0.30
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.70
1.60
1.50
0.203 REF
0.20 MIN
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.20)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
3.10
3.00 SQ
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com