Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8674 Datasheet (PDF) - Analog Devices

AD8674 Datasheet PDF - Analog Devices
Part # AD8674
Download  AD8674 Download
File Size   343.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp

AD8674 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8674 Datasheet PDF - Analog Devices

Part # AD8674
Download  AD8674 Click to download

File Size   343.11 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp

AD8674 Datasheet (HTML) - Analog Devices


AD8674 Product details

FEATURES
Very low voltage noise 2.8 nV/√Hz @ 1 kHz
Rail-to-rail output swing
Low input bias current: 2 nA maximum
Very low offset voltage: 12 μV typical
Low input offset drift: 0.6 μV/°C maximum
Very high gain: 120 dB
Wide bandwidth: 10 MHz typical
±5 V to ±18 V operation
APPLICATIONS
Precision instrumentation
PLL filters
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers




Similar Part No. - AD8674

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8674 AD-AD8674 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8674 AD-AD8674 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8674 AD-AD8674 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8674 AD-AD8674 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8674 AD-AD8674 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
More results


Similar Description - AD8674

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011 Datasheet
265Kb / 16P
Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com