Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CPZ Datasheet (PDF) - Analog Devices

OP07CPZ Datasheet PDF - Analog Devices
Part # OP07CPZ
Download  OP07CPZ Download
File Size   232.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Offset Voltage Operational Amplifier

OP07CPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP07CPZ Datasheet PDF - Analog Devices

Part # OP07CPZ
Download  OP07CPZ Click to download

File Size   232.37 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Offset Voltage Operational Amplifier

OP07CPZ Datasheet (HTML) - Analog Devices


OP07CPZ Product details

FEATURES
Low VOS: 75 μV maximum
Low VOS drift: 1.3 μV/°C maximum
Ultrastable vs. time: 1.5 μV per month maximum
Low noise: 0.6 μV p-p maximum
Wide input voltage range: ±14 V typical
Wide supply voltage range: ±3 V to ±18 V
125°C temperature-tested dice
APPLICATIONS
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls
Thermocouples
Resistor thermal detectors (RTDs)
Strain bridges
Shunt current measurements
Precision filters




Similar Part No. - OP07CPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07CPZ AD-OP07CPZ Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
OP07CPZ AD-OP07CPZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07CPZ AD-OP07CPZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07CPZ AD-OP07CPZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07CPZ AD-OP07CPZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Similar Description - OP07CPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07 AD-OP07 Datasheet
448Kb / 10P
Ultralow Offset Voltage Dual Operational Amplifier
OP77 AD-OP77 Datasheet
458Kb / 12P
NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP07 AD-OP07_06 Datasheet
311Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. D
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP07 AD-OP07_15 Datasheet
239Kb / 16P
Ultralow Offset Voltage Operational Amplifier
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com